Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN2979 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN2979
Szczegółowy opis  Implementing a simple ADC using the STM8L101xx comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2979 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN2979 Datasheet HTML 1Page - STMicroelectronics AN2979 Datasheet HTML 2Page - STMicroelectronics AN2979 Datasheet HTML 3Page - STMicroelectronics AN2979 Datasheet HTML 4Page - STMicroelectronics AN2979 Datasheet HTML 5Page - STMicroelectronics AN2979 Datasheet HTML 6Page - STMicroelectronics AN2979 Datasheet HTML 7Page - STMicroelectronics AN2979 Datasheet HTML 8Page - STMicroelectronics AN2979 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Application description
AN2979
4/12
Doc ID 15651 Rev 1
Figure 1.
Capacitor charging curve
The figure below shows the connection of the comparator to the required external
components.
Figure 2.
Comparator connections
1.
Condition: VDD=3.3 V, R=10 kΩ, C=100 nF
Note:
When using the STM8L101-EVAL evaluation board you need to connect the PB0 pin to the
PC4 pin. This way you use the resistor and capacitor already present on the board (no
hardware needed). Pin PC4 is configured as input floating to avoid any conflict.
PWM output
Capacitor charging curve
VDD
T(ms)
3.3
2.5
2
1.5
1
0.5
1
2345
678
9
(V)
3
-
+
C=100 nF
PB0/PC4
PA6
PD2
COMP_OUT
R=10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com