| Zakładka z wyszukiwarką danych komponentów |
|
AN3422 Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3422 Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 52 page ![]() AN3422 STM32L1 family overview Doc ID 018976 Rev 2 7/52 I2C Yes Yes Yes Same features DAC Yes Yes Yes Same features ADC Yes Yes Yes Same features RTC Yes Yes Yes Same features FLASH Yes Yes Yes Same features GPIO Yes Yes Yes Same features LCD glass Yes Yes Yes Same features COMP Yes Yes Yes Same features SYSCFG Yes Yes Yes Same features AES Yes Yes Yes Same features OPAMP Yes Yes Yes Same features Table 1. STM32L1 peripherals compatibility analysis (continued) Peripheral Medium- density Medium- density+ High- density Compatibility Comments |