Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3422 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN3422
Szczegółowy opis  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN3422 Datasheet HTML 1Page - STMicroelectronics AN3422 Datasheet HTML 2Page - STMicroelectronics AN3422 Datasheet HTML 3Page - STMicroelectronics AN3422 Datasheet HTML 4Page - STMicroelectronics AN3422 Datasheet HTML 5Page - STMicroelectronics AN3422 Datasheet HTML 6Page - STMicroelectronics AN3422 Datasheet HTML 7Page - STMicroelectronics AN3422 Datasheet HTML 8Page - STMicroelectronics AN3422 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
March 2012
Doc ID 018976 Rev 2
1/52
AN3422
Application note
Migration of microcontroller applications
from STM32F1 to STM32L1 series
1
Introduction
For designers of STM32 microcontroller applications, it is important to be able to easily
replace one microcontroller type by another one in the same product family. Migrating an
application to a different microcontroller is often needed, when product requirements grow,
putting extra demands on memory size, or increasing the number of I/Os. On the other
hand, cost reduction objectives may force you to switch to smaller components and shrink
the PCB area.
This application note is written to help you and analyze the steps you need to migrate from
an existing STM32F1 devices based design to STM32L1 devices. It groups together all the
most important information and lists the vital aspects that you need to address.
To migrate your application from STM32F1 series to STM32L1 series, you have to analyze
the hardware migration, the peripheral migration and the firmware migration.
To benefit fully from the information in this application note, the user should be familiar with
the STM32 microcontroller family. You can refer to the following documents that are available
from www.st.com.
●
The STM32F1 family reference manuals (RM0008 and RM0041), the STM32F1
datasheets, and the STM32F1 Flash programming manuals (PM0075, PM0063 and
PM0068).
●
The STM32L1 family reference manual (RM0038), the STM32L1 datasheets, and the
STM32F1 Flash and EEPROM programming manual (PM0062).
For an overview of the whole STM32 series and a comparison of the different features of
each STM32 product series, please refer to AN3364 Migration and compatibility guidelines
for STM32 microcontroller applications.
www.st.com


Podobny numer części - AN3422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DDK Ltd.
AN3420-10 DDK-AN3420-10 Datasheet
361Kb / 10P
Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
AN3420-12 DDK-AN3420-12 Datasheet
361Kb / 10P
Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
AN3420-16 DDK-AN3420-16 Datasheet
361Kb / 10P
Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
logo
STMicroelectronics
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3427 STMICROELECTRONICS-AN3427 Datasheet
381Kb / 52P
Migrating a microcontroller application from STM32F1 to STM32F2 series
20-Jul-2011
More results

Podobny opis - AN3422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
Migration and compatibility guidelines for STM8S microcontroller applications
06-Mar-2009
AN3139 STMICROELECTRONICS-AN3139 Datasheet
806Kb / 63P
Migration and compatibility guidelines for STM8L microcontroller applications
08-Sep-2011
AN3364 STMICROELECTRONICS-AN3364 Datasheet
133Kb / 17P
Migration and compatibility guidelines for STM32 microcontroller applications
30-May-2012
AN3427 STMICROELECTRONICS-AN3427 Datasheet
381Kb / 52P
Migrating a microcontroller application from STM32F1 to STM32F2 series
20-Jul-2011
AN4228 STMICROELECTRONICS-AN4228 Datasheet
841Kb / 90P
Migrating from STM32F1 to STM32F3 microcontrollers
05-Mar-2015
TN1176 STMICROELECTRONICS-TN1176 Datasheet
270Kb / 15P
To ease the development of STM32 microcontroller applications
09-May-2014
TN1177 STMICROELECTRONICS-TN1177 Datasheet
232Kb / 12P
To ease the development of STM32 microcontroller applications
17-Dec-2014
TN1178 STMICROELECTRONICS-TN1178 Datasheet
231Kb / 13P
To ease the development of STM32 microcontroller applications
23-May-2014
STREF-SCS001V1 STMICROELECTRONICS-STREF-SCS001V1 Datasheet
183Kb / 4P
Fast and easy migration from DC barrel to Type-C
Rev 1 - August 2018
EVAL-SCS001V1 STMICROELECTRONICS-EVAL-SCS001V1 Datasheet
4Mb / 4P
Fast and easy migration from DC barrel to Type-C
14-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52