| Zakładka z wyszukiwarką danych komponentów |
|
AN3422 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3422 Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 52 page ![]() List of tables AN3422 4/52 Doc ID 018976 Rev 2 List of tables Table 1. STM32L1 peripherals compatibility analysis. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Table 2. STM32F1 series and STM32L1 series pinout differences . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Table 3. STM32 peripheral compatibility analysis F1 versus L1 series . . . . . . . . . . . . . . . . . . . . . . 13 Table 4. IP bus mapping differences between STM32F1 and STM32L1 series. . . . . . . . . . . . . . . . 15 Table 5. RCC differences between STM32F1 and STM32L1 series . . . . . . . . . . . . . . . . . . . . . . . . 17 Table 6. Performance versus VCORE ranges . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Table 7. Example of migrating system clock configuration code from F1 to L1 . . . . . . . . . . . . . . . . 22 Table 8. RCC registers used for peripheral access configuration. . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Table 9. DMA request differences between STM32F1 series and STM32L1 series . . . . . . . . . . . . 24 Table 10. Interrupt vector differences between STM32F1 series and STM32L1 series . . . . . . . . . . . 26 Table 11. GPIO differences between STM32F1 series and STM32L1 series . . . . . . . . . . . . . . . . . . 29 Table 12. FLASH differences between STM32F1 series and STM32L1 series . . . . . . . . . . . . . . . . . 31 Table 13. ADC differences between STM32F1 series and STM32L1 series . . . . . . . . . . . . . . . . . . . 32 Table 14. PWR differences between STM32F1 series and STM32L1 series. . . . . . . . . . . . . . . . . . . 34 Table 15. STM32F10x and STM32L1xx FLASH driver API correspondence . . . . . . . . . . . . . . . . . . . 39 Table 16. STM32F10x and STM32L1xx PWR driver API correspondence . . . . . . . . . . . . . . . . . . . . 48 Table 17. Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 |