Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0244 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części UM0244
Szczegółowy opis  FlashLINK JTAG programming cable for STR9
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0244 Arkusz danych(HTML) 3 Page - STMicroelectronics

  UM0244 Datasheet HTML 1Page - STMicroelectronics UM0244 Datasheet HTML 2Page - STMicroelectronics UM0244 Datasheet HTML 3Page - STMicroelectronics UM0244 Datasheet HTML 4Page - STMicroelectronics UM0244 Datasheet HTML 5Page - STMicroelectronics UM0244 Datasheet HTML 6Page - STMicroelectronics UM0244 Datasheet HTML 7Page - STMicroelectronics UM0244 Datasheet HTML 8Page - STMicroelectronics UM0244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UM0244
Overview
3/11
1
Overview
The family of STR91x devices offer In-System Programming (ISP) allowing a completely
blank device to be programmed while soldered to a circuit board. This simplifies
manufacturing and provides an effective way to update products after they are in use.
STR91x devices comply to the core requirements of the IEEE 1149.1 JTAG specification.
The FlashLINK cable assembly shown in Figure 1 will perform ISP only on STR91x devices,
not memory or logic devices from other vendors. The software development tool
Configuration and Programming Software (CAPS) is a Windows based program which
operates the FlashLINK cable assembly (CAPS may be downloaded at no charge from
www.st.com/mcu).
CAPS will generate JAM STAPL and SVF files for use with 3rd party JTAG programming
equipment.
The five basic JTAG pins (JTCK, JTMS, JTDI, JTDO, JRST) on STR91x devices are
dedicated to operate as JTAG pin at all times.
Figure 1.
FlashLINK cable assembly
Note:
14-pin ribbon cable may also be used.
Mates
with
PC
parallel
port
FlashLINK
Adapter
6 feet
DB-25 Cable, M-F
straight-through wiring
6 inches
Target
device
12 WIRES
Flying lead
cable
DB-25
Cable
AI08862



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com