Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0244 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części UM0244
Szczegółowy opis  FlashLINK JTAG programming cable for STR9
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0244 Arkusz danych(HTML) 4 Page - STMicroelectronics

  UM0244 Datasheet HTML 1Page - STMicroelectronics UM0244 Datasheet HTML 2Page - STMicroelectronics UM0244 Datasheet HTML 3Page - STMicroelectronics UM0244 Datasheet HTML 4Page - STMicroelectronics UM0244 Datasheet HTML 5Page - STMicroelectronics UM0244 Datasheet HTML 6Page - STMicroelectronics UM0244 Datasheet HTML 7Page - STMicroelectronics UM0244 Datasheet HTML 8Page - STMicroelectronics UM0244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin definition on FlashLINK adaptor
UM0244
4/11
2
Pin definition on FlashLINK adaptor
Note:
1
OC = Open Collector, pulled-up to VCC inside FlashLINK Adaptor.
2
Not supported by CAPS, signals remain inactive.
3
All signal grounds are tied together inside FlashLINK Adaptor.
4
The target must supply VCC to the FlashLINK Adaptor (2.7V to 5.5VDC, 15mA max at 5.5V).
Not all 14 signals are required for all applications. Here is how they are used:
●
(8) Core signals that must be connected: TDI, TDO, TMS, TCK, TRST, RST, VCC, GND
●
(1) Optional signal to pace TCK: TSTAT/JRTCK
●
(2) Optional generic control signals to target system from FlashLINK: JEN, CNTL
●
(1) Optional generic data out signal from target system to FlashLINK: TERR
●
(2) Two additional ground lines to help reduce EMI if a ribbon cable is used. These
ground lines “sandwich” the TCK signal in the ribbon cable. These two ground signals
are not present on the flying lead cable.
Table 1.
Pin Description for 14-pin FlashLINK Adaptor Connector
Pin #
Signal Name
Description
Type(1)
FlashLINK is
Signal:
1JEN(2)
Generic Control Signal
OC
Source
2TRST
JTAG IEEE 1149.1 Reset on target, active-low -
JTRST
OC
Source
3GND(3)
Signal Ground
4
CNTL(2)
Generic Control Signal
OC
Source
5
TDI
JTAG IEEE 1149.1 Serial Data Input - JTDI
Source
6
TSTAT/JRTCK JTAG-ISP to pace JTCK clock signal - JRTCK
Destination
7VCC
(4)
DC source from target, 2.7V to 5.5V
8RST
Target system reset, active-low
OC
Source
9
TMS
JTAG IEEE 1149.1 Mode Select - JTMS
Source
10
GND
Signal Ground
11
TCK
JTAG IEEE 1149.1 Clock - JTCK
Source
12
GND
Signal Ground
13
TDO
JTAG IEEE 1149.1 Serial Data Out - JTDO
Destination
14
TERR(2)
Generic Data Out Signal
Destination



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com