| Zakładka z wyszukiwarką danych komponentów |
|
UM0851 Arkusz danych(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 Arkusz danych(HTML) 70 Page - STMicroelectronics |
|
70 / 245 page ![]() Communication device drivers UM0851 70/245 Doc ID 16604 Rev 2 Figure 15. USBD interface 4.4.2 Software overview There is wide variety of USB Devices available in the market. General examples of these devices are USB Ethernet adapters, USB audio devices, USB mass storage devices, USB printers etc. In the Linux USB world, these functions are called gadgets. You can use SPEAr USBD to build any of these functions. You can also build a device with multiple functions. Multi-functional printers, USB Ethernet plus mass storage are such examples. These devices are generally known as composite devices. The USB Device controller driver in SPEAr LSP supports Linux USB gadget framework. This framework provides a flexible and easy interface for adding different USB slave devices. It also offers the facility to easily add multi-function USB composite devices. The following figure explains the USB gadget framework. |