| Zakładka z wyszukiwarką danych komponentów |
|
UM0851 Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 245 page ![]() Boot loader overview UM0851 20/245 Doc ID 16604 Rev 2 Image booting commands Environment variable commands Serial i/f commands Table 5. Image booting U-Boot commands Command Behavior Example Autoscr Run script from memory autoscr 0x1600000 ## Executing script at 01300000 Boot Boot default, for example ‘run bootcmd’ Bootd Boot default, for example ‘run bootcmd’ Go Start application at address ‘addr’ go 0x1300000 ## Starting application at 0x01300000 ... Bootm Boot application image from memory bootm 0x1600000 Table 6. Environment variables U-Boot commands Command Behavior Example echo Echo args to console echo abcd abcd echo $(bootdelay) 1 printenv Print environment variables run Run commands in an environment variable echo $(bootcmd) bootm 0xf8050000 run bootcmd saveenv Save environment variables to persistent storage setenv Set environment variables Table 7. Serial i/f file loading U-Boot commands Command Behavior Example coninfo Print console devices ad information Coninfo loads Load S-record file over serial line loads 0x1300000 loady Load binary file over serial line (ymodem mode) loady 0x1300000 loadb Load binary file over serial line (kermit mode) loadb 0x1300000 saves Save S-Record file over serial line |