Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN4228 Arkusz danych(PDF) 65 Page - STMicroelectronics

Numer części AN4228
Szczegółowy opis  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Arkusz danych(HTML) 65 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 61Page - STMicroelectronics AN4228 Datasheet HTML 62Page - STMicroelectronics AN4228 Datasheet HTML 63Page - STMicroelectronics AN4228 Datasheet HTML 64Page - STMicroelectronics AN4228 Datasheet HTML 65Page - STMicroelectronics AN4228 Datasheet HTML 66Page - STMicroelectronics AN4228 Datasheet HTML 67Page - STMicroelectronics AN4228 Datasheet HTML 68Page - STMicroelectronics AN4228 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
DocID024110 Rev 5
65/90
AN4228
Firmware migration using the library
89
Table 27. STM32F10x and STM32F3xx I2C driver API correspondence
STM32F10x I2C Driver API
STM32F3xx I2C Driver API
void I2C_DeInit(I2C_TypeDef* I2Cx);
void I2C_DeInit(I2C_TypeDef* I2Cx);
void I2C_Init(I2C_TypeDef* I2Cx,
I2C_InitTypeDef* I2C_InitStruct);
void I2C_Init(I2C_TypeDef* I2Cx, I2C_InitTypeDef*
I2C_InitStruct);
void I2C_StructInit(I2C_InitTypeDef*
I2C_InitStruct);
void I2C_StructInit(I2C_InitTypeDef* I2C_InitStruct);
void I2C_Cmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_Cmd(I2C_TypeDef* I2Cx, FunctionalState
NewState);
void I2C_SoftwareResetCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_SoftwareResetCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_ITConfig(I2C_TypeDef* I2Cx, uint16_t
I2C_IT, FunctionalState NewState);
void I2C_ITConfig(I2C_TypeDef* I2Cx, uint16_t I2C_IT,
FunctionalState NewState);
void I2C_StretchClockCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_StretchClockCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_StopModeCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_DualAddressCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_DualAddressCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_OwnAddress2Config(I2C_TypeDef*
I2Cx, uint8_t Address);
void I2C_OwnAddress2Config(I2C_TypeDef* I2Cx,
uint16_t Address, uint8_t Mask);
void I2C_GeneralCallCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_GeneralCallCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_SlaveByteControlCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_SlaveAddressConfig(I2C_TypeDef* I2Cx,
uint16_t Address);
NA
void I2C_10BitAddressingModeCmd(I2C_TypeDef*
I2Cx, FunctionalState NewState);
void I2C_NACKPositionConfig(I2C_TypeDef*
I2Cx, uint16_t I2C_NACKPosition);
NA
void I2C_ARPCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90