| Zakładka z wyszukiwarką danych komponentów |
|
AN4228 Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 90 page ![]() Firmware migration using the library AN4228 46/90 DocID024110 Rev 5 4.8 ADC configuration The STM32F10x and STM32F37x ADC peripherals are similar. The STM32F30xx devices feature a new ADC. The table below describes the difference between STM32F10x functions and STM32F3xx libraries. NVIC_PriorityGroupConfig(uint32_t NVIC_PriorityGroup); NVIC_PriorityGroupConfig(uint32_t NVIC_PriorityGroup); void NVIC_SetVectorTable(uint32_t NVIC_VectTab, uint32_t Offset); void NVIC_SetVectorTable(uint32_t NVIC_VectTab, uint32_t Offset); Table 22. STM32F10x and STM32F3xx MISC driver API correspondence (continued) STM32F10x MISC Driver API STM32F3xx MISC Driver API |