| Zakładka z wyszukiwarką danych komponentów |
|
AN4228 Arkusz danych(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 Arkusz danych(HTML) 40 Page - STMicroelectronics |
|
40 / 90 page ![]() Firmware migration using the library AN4228 40/90 DocID024110 Rev 5 4.4 CRC driver The table below shows the CRC driver API correspondence between STM32F10x and STM32F3xx Libraries. FlagStatus FLASH_GetFlagStatus(uint32_t FLASH_FLAG); FlagStatus FLASH_GetFlagStatus(uint32_t FLASH_FLAG); void FLASH_ClearFlag(uint32_t FLASH_FLAG); void FLASH_ClearFlag(uint32_t FLASH_FLAG); FLASH_Status FLASH_GetStatus(void); FLASH_Status FLASH_GetStatus(void); FLASH_Status FLASH_WaitForLastOperation(uint32_t Timeout); FLASH_Status FLASH_WaitForLastOperation(void); void FLASH_ITConfig(uint32_t FLASH_IT, FunctionalState NewState); void FLASH_ITConfig(uint32_t FLASH_IT, FunctionalState NewState); FlagStatus FLASH_GetPrefetchBufferStatus(void); NA Table 20. STM32F10x and STM32F3xx FLASH driver API correspondence (continued) STM32F10x Flash driver API STM32F3xx Flash driver API Color key: = New function = Same function, but API was changed = Function not available (NA) Table 21. STM32F10x and STM32F3xx CRC driver API correspondence STM32F10x CRC driver API STM32F3xx CRC driver API NA void CRC_DeInit(void); void CRC_ResetDR(void); void CRC_ResetDR(void); NA void CRC_PolynomialSizeSelect(uint32_t CRC_PolSize); NA void CRC_ReverseInputDataSelect(uint32_t CRC_ReverseInputData); NA void CRC_ReverseOutputDataCmd(FunctionalState NewState); NA void CRC_SetPolynomial(uint32_t CRC_Pol); NA void CRC_SetInitRegister(uint32_t CRC_InitValue); |