| Zakładka z wyszukiwarką danych komponentów |
|
LT1007AMH Arkusz danych(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1007AMH Arkusz danych(HTML) 1 Page - Linear Technology |
|
1 / 16 page ![]() 1 LT1007/LT1037 Low Noise, High Speed Precision Operational Amplifiers FEATURES DESCRIPTION s Guaranteed 4.5nV/ √Hz 10Hz Noise s Guaranteed 3.8nV/ √Hz 1kHz Noise s 0.1Hz to 10Hz Noise, 60nVP-P Typical s Guaranteed 7 Million Min Voltage Gain, RL = 2k s Guaranteed 3 Million Min Voltage Gain, RL = 600Ω s Guaranteed 25 µV Max Offset Voltage s Guaranteed 0.6 µV/°C Max Drift with Temperature s Guaranteed 11V/ µs Min Slew Rate (LT1037) s Guaranteed 117dB Min CMRR The LT ®1007/LT1037 series features the lowest noise performance available to date for monolithic operational amplifiers: 2.5nV/ √Hzwidebandnoise(lessthanthenoiseof a 400 Ωresistor),1/fcornerfrequencyof2Hzand60nVpeak- to-peak 0.1Hz to 10Hz noise. Low noise is combined with outstanding precision and speed specifications: 10 µV offset voltage, 0.2 µV/°C drift, 130dB common mode and power supply rejection, and 60MHz gain bandwidth product on the decompensated LT1037, which is stable for closed-loop gains of 5 or greater. The voltage gain of the LT1007/LT1037 is an extremely high 20 million driving a 2k Ω load and 12 million driving a 600Ω load to ±10V. In the design, processing and testing of the device, particular attention has been paid to the optimization of the entire distribution of several key parameters. Consequently, the specifications of even the lowest cost grades (the LT1007C and the LT1037C) have been spectacularly improved com- pared to equivalent grades of competing amplifiers. The sine wave generator application shown below utilizes the low noise and low distortion characteristics of the LT1037. TYPICAL APPLICATION , LTC and LT are registered trademarks of Linear Technology Corporation. Ultrapure 1kHz Sine Wave Generator TIME (SEC) 02 4 6 8 10 1007/37 TA02 s Low Noise Signal Processing s Microvolt Accuracy Threshold Detection s Strain Gauge Amplifiers s Direct Coupled Audio Gain Stages s Sine Wave Generators s Tape Head Preamplifiers s Microphone Preamplifiers APPLICATIONS 1007/37 TA01 430 Ω OUTPUT C CR R 6 2 3 #327 LAMP LT1037 f = 1 2 πRC R = 1591.5 Ω ±0.1% C = 0.1 µF ±0.1% TOTAL HARMONIC DISTORTION = < 0.0025% NOISE = < 0.0001% AMPLITUDE = ±8V OUTPUT FREQUENCY = 1.000kHz FOR VALUES GIVEN ±0.4% 0.1Hz to 10Hz Noise |
Podobny numer części - LT1007AMH |
|
Podobny opis - LT1007AMH |