| Zakładka z wyszukiwarką danych komponentów |
|
LT1007AMH Arkusz danych(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1007AMH Arkusz danych(HTML) 7 Page - Linear Technology |
|
7 / 16 page ![]() 7 LT1007/LT1037 TYPICAL PERFORMANCE CHARACTERISTICS FREQUENCY (Hz) 140 120 100 80 60 40 103 105 106 107 1007/37 G19 104 VS = ±15V VCM = ±10V TA = 25°C LT1037 LT1007 Common Mode Rejection vs Frequency Input Bias Current vs Temperature TEMPERATURE ( °C) –50 1007/37 G22 0 50 100 50 40 30 20 10 0 –25 25 75 125 VS = ±15V LT1007M LT1037M LT1007AM LT1037AM TIME FROM OUTPUT SHORT TO GROUND (MINUTES) 0 50 40 30 20 10 0 –10 –20 –30 –40 –50 1 2 1007/37 G27 3 –55 °C –55 °C 125 °C 125 °C 25 °C 25 °C VS = ±15V Output Short-Circuit Current vs Time LOAD RESISTANCE ( Ω) 100 300 3k 15 12 9 6 3 0 1k 10k 1007/37 G24 VS = ±15V TA = 25°C POSITIVE SWING NEGATIVE SWING Output Swing vs Load Resistance COMMON MODE INPUT VOLTAGE (V) –15 –10 –5 5 0 10 15 1007/37 G21 20 15 10 5 0 –5 –10 –15 –20 DEVICE WITH NEGATIVE INPUT CURRENT DEVICE WITH POSITIVE INPUT CURRENT VS = ±15V TA = 25°C RCM = ≈ 7G 20V 3nA Input Bias Current Over the Common Mode Range TEMPERATURE ( °C) –50 V+ –1 –2 –3 –4 +4 +3 +2 +1 V– 0 50 75 1007/37 G20 –25 25 100 125 V+ = 3V TO 20V V– = –3V TO –20V Common Mode Limit vs Temperature TEMPERATURE ( °C) –75 –50 0 25 –25 50 75 100 125 1007/37 G23 60 50 40 30 20 10 0 VS = ±15V LT1007M LT1037M LT1007AM LT1037AM Input Offset Current vs Temperature Closed-Loop Output Impedance FREQUENCY (Hz) 10 100 10 1 0.1 0.01 0.001 100k 1007/37 G26 100 1k 10k 1M VS = ±15V TA = 25°C IOUT = 1mA AV = 1000 AV = 1000 AV = 1 AV = 5 LT1007 LT1037 FREQUENCY (Hz) 1 1195 G25 102 10 103 104 105 106 10 7 108 160 140 120 100 80 60 40 20 0 TA = 25°C NEGATIVE SUPPLY POSITIVE SUPPLY PSRR vs Frequency |