| Zakładka z wyszukiwarką danych komponentów |
|
LT1007AMH Arkusz danych(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1007AMH Arkusz danych(HTML) 3 Page - Linear Technology |
|
3 / 16 page ![]() 3 LT1007/LT1037 ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, unless otherwise noted. LT1007AC/AM LT1007C/I/M LT1037AC/AM LT1037C/I/M SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS Input Resistance, Common Mode 7 5 G Ω Input Voltage Range ±11.0 ±12.5 ±11.0 ±12.5 V CMRR Common Mode Rejection Ratio VCM = ±11V 117 130 110 126 dB PSRR Power Supply Rejection Ratio VS = ±4V to ±18V 110 130 106 126 dB AVOL Large-Signal Voltage Gain RL ≥ 2k, VO = ±12V 7.0 20.0 5.0 20.0 V/ µV RL ≥ 1k, VO = ±10V 5.0 16.0 3.5 16.0 V/ µV RL ≥ 600Ω, VO = ±10V 3.0 12.0 2.0 12.0 V/ µV VOUT Maximum Output Voltage Swing RL ≥ 2k ±13.0 ±13.8 ±12.5 ±13.5 V RL ≥ 600Ω±11.0 ±12.5 ±10.5 ±12.5 V SR Slew Rate LT1007 RL ≥ 2k 1.7 2.5 1.7 2.5 V/ µs LT1037 AVCL ≥ 5 1115 1115 V/ µs GBW Gain Bandwidth LT1007 fO = 100kHz (Note 7) 5.0 8.0 5.0 8.0 MHz Product LT1037 fO = 10kHz (Note 7) (AVCL ≥ 5) 45 60 45 60 MHz ZO Open-Loop Output Resistance VO = 0V, IO = 0 70 70 Ω PD Power Dissipation LT1007 80 120 80 140 mW LT1037 80 130 85 140 mW VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted. LT1007AC LT1007C LT1037AC LT1037C SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS VOS Input Offset Voltage (Note 1) q 20 50 35 110 µV ∆VOS Average Input Offset Drift (Note 9) q 0.2 0.6 0.3 1.0 µV/°C ∆Temp IOS Input Offset Current q 10 40 15 70 nA IB Input Bias Current q ±14 ±45 ±20 ±75 nA Input Voltage Range q ±10.5 ±11.8 ±10.5 ±11.8 V CMRR Common Mode Rejection Ratio VCM = ±10.5V q 114 126 106 120 dB PSRR Power Supply Rejection Ratio VS = ±4.5V to ±18V q 106 126 102 120 dB AVOL Large-Signal Voltage Gain RL ≥ 2k, VO = ±10V q 4.0 18.0 2.5 18.0 V/ µV RL ≥ 1k, VO = ±10V q 2.5 14.0 2.0 14.0 V/ µV VOUT Maximum Output Voltage Swing RL ≥ 2k q ±12.5 ±13.6 ±12.0 ±13.6 V PD Power Dissipation q 90 144 90 160 mW |