Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9392PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF9392PBF
Szczegółowy opis  Industry-Standard SO8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9392PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF9392PBF_15 Datasheet HTML 1Page - International Rectifier IRF9392PBF_15 Datasheet HTML 2Page - International Rectifier IRF9392PBF_15 Datasheet HTML 3Page - International Rectifier IRF9392PBF_15 Datasheet HTML 4Page - International Rectifier IRF9392PBF_15 Datasheet HTML 5Page - International Rectifier IRF9392PBF_15 Datasheet HTML 6Page - International Rectifier IRF9392PBF_15 Datasheet HTML 7Page - International Rectifier IRF9392PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF9392PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 3.3mH, RG = 25Ω, IAS = -7.8A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
G
D
S
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
RDS(on)
–––
13.6
17.5
–––
12.1
–––
VGS(th)
Gate Threshold Voltage
-1.3
-1.9
-2.4
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-5.7
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-10
Gate-to-Source Reverse Leakage
–––
–––
10
gfs
Forward Transconductance
36
–––
–––
S
Qg
Total Gate Charge
h
–––
14
–––
nC
VDS = -15V,VGS = -4.5V,ID = -7.8A
Qg
Total Gate Charge
h
–––
27
–––
Qgs
Gate-to-Source Charge
h
–––
4.1
–––
Qgd
Gate-to-Drain Charge
h
–––
6.6
–––
RG
Gate Resistance
h
–––
18
–––
td(on)
Turn-On Delay Time
–––
15
–––
tr
Rise Time
–––
47
–––
td(off)
Turn-Off Delay Time
–––
73
–––
tf
Fall Time
–––
58
–––
Ciss
Input Capacitance
–––
1270
–––
Coss
Output Capacitance
–––
250
–––
Crss
Reverse Transfer Capacitance
–––
180
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
36
54
ns
Qrr
Reverse Recovery Charge
–––
20
30
nC
Thermal Resistance
Parameter
Units
RθJL
Junction-to-Drain Lead
g
RθJA
Junction-to-Ambient
f
Conditions
See Figs. 19a & 19b
Max.
102
-7.8
ƒ = 1.0KHz
VGS = 0V
VDS = -25V
VDS = -24V, VGS = 0V
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -9.8A e
VGS = -20V, ID = -7.8A e
VDS = VGS, ID = -25µA
m
µA
TJ = 25°C, IF = -2.5A, VDD = -24V
di/dt = 100/µs
e
TJ = 25°C, IS = -2.5A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = -7.8A
RG = 6.8
VDS = -10V, ID = -7.8A
VDS = -24V, VGS = 0V, TJ = 125°C
VDD = -15V, VGS = -4.5V e
ID = -1.0A
VDS = -15V
VGS = -25V
VGS = 25V
VGS = -10V
ns
pF
–––
Typ.
–––
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
-2.5
-80
µA
nC
°C/W
Max.
20
50
Typ.
–––
–––



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com