Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9392PBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRF9392PBF
Szczegółowy opis  Industry-Standard SO8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9392PBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRF9392PBF_15 Datasheet HTML 1Page - International Rectifier IRF9392PBF_15 Datasheet HTML 2Page - International Rectifier IRF9392PBF_15 Datasheet HTML 3Page - International Rectifier IRF9392PBF_15 Datasheet HTML 4Page - International Rectifier IRF9392PBF_15 Datasheet HTML 5Page - International Rectifier IRF9392PBF_15 Datasheet HTML 6Page - International Rectifier IRF9392PBF_15 Datasheet HTML 7Page - International Rectifier IRF9392PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF9392PbF
www.irf.com
3
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
-10V
-5.0V
-4.5V
-4.0V
-3.5V
-3.0V
-2.7V
BOTTOM
-2.5V
≤60µs PULSE WIDTH
Tj = 25°C
-2.5V
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
-2.5V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
-10V
-5.0V
-4.5V
-4.0V
-3.5V
-3.0V
-2.7V
BOTTOM
-2.5V
1
2
3
4
5
6
-VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = -10V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
ID = -9.8A
VGS = -10V
1
10
100
-VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 KHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
1020
3040
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= -24V
VDS= -15V
VDS= -6.0V
ID= -7.8A



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com