| Zakładka z wyszukiwarką danych komponentów |
|
AR0134CSSC00SUEAH-GEVB Arkusz danych(PDF) 29 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0134CSSC00SUEAH-GEVB Arkusz danych(HTML) 29 Page - ON Semiconductor |
|
29 / 41 page ![]() AR0134_DS Rev. G Pub. 6/15 EN 29 ©Semiconductor Components Industries, LLC,2015. AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor Electrical Specifications HiSPi Electrical Specifications The ON Semiconductor AR0134 sensor supports SLVS mode only, and does not have a DLL for timing adjustments. Refer to the High-Speed Serial Pixel (HiSPi) Interface Phys- ical Layer Specification v2.00.00 for electrical definitions, specifications, and timing information. The VDD_SLVS supply in this data sheet corresponds to VDD_TX in the HiSPi Physical Layer Specification. Similarly, VDD is equivalent to VDD_HiSPi as refer- enced in the specification. The HiSPi transmitter electrical specifications are listed at 700 MHz. Table 15: Standby Current Consumption Analog - VAA + VAA_PIX + VDD_PLL; Digital - VDD + VDD_IO; TA = 25°C Definition Condition Min Typ Max Unit Hard standby (clock off, driven low) Analog, 2.8V – 3 15 A Digital, 1.8V – 25 80 A Hard standby (clock on, EXTCLK = 20 MHz) Analog, 2.8V – 12 25 A Digital, 1.8V – 1.1 1.7 mA Soft standby (clock off, driven low) Analog, 2.8V – 3 15 A Digital, 1.8V – 25 80 A Soft standby (clock on, EXTCLK = 20 MHz) Analog, 2.8V – 12 25 A Digital, 1.8V – 1.1 1.7 mA Table 16: Input Voltage and Current (HiSPi Power Supply 0.4 V) Measurement Conditions: Max Freq 700 MHz Parameter Symbol Min Typ Max Unit Supply current (PWRHiSPi) (driving 100 load) IDD_SLVS – 10 15 mA HiSPi common mode voltage (driving 100 load) VCMD VDD_SLVS x 0.45 VDD_SLVS/2 VDD_SLVS x 0.55 V HiSPi differential output voltage (driving 100 load) |VOD|VDD_SLVS x 0.36 VDD_SLVS/2 VDD_SLVS x 0.64 V Change in VCM between logic 1 and 0 VCM 25 mV Change in |VOD| between logic 1 and 0 |VOD|25 mV Vod noise margin NM – 30 % Difference in VCM between any two channels |VCM|50 mV Difference in VOD between any two channels |VOD|100 mV Common-mode AC voltage (pk) without VCM cap termination VCM_ac 50 mV Common-mode AC voltage (pk) with VCM cap termination VCM_ac 30 mV Max overshoot peak |VOD|VOD_ac 1.3 x |VOD|V Max overshoot Vdiff pk-pk Vdiff_pkpk 2.6 x |VOD|V Eye Height Veye 1.4 x VOD Single-ended output impedance Ro 35 50 70 Output impedance mismatch Ro 20 % |