| Zakładka z wyszukiwarką danych komponentów |
|
AR0134CSSC00SUEAH-GEVB Arkusz danych(PDF) 30 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0134CSSC00SUEAH-GEVB Arkusz danych(HTML) 30 Page - ON Semiconductor |
|
30 / 41 page ![]() AR0134_DS Rev. G Pub. 6/15 EN 30 ©Semiconductor Components Industries, LLC,2015. AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor Electrical Specifications Figure 16: Differential Output Voltage for Clock or Data Pairs Notes: 1. One UI is defined as the normalized mean time between one edge and the following edge of the clock. 2. Taken from 0V crossing point. 3. Also defined with a maximum loading capacitance of 10pF on any pin. The loading capacitance may also need to be less for higher bitrates so the rise and fall times do not exceed the maximum 0.3UI. 4. The absolute mean skew between the Clock lane and any Data Lane in the same PHY between any edges. 5. The absolute mean skew between any Clock in one PHY and any Data lane in any other PHY between any edges. 6. Differential skew is defined as the skew between complementary outputs. It is measured as the absolute time between the two complementary edges at mean VCM point. Table 17: Rise and Fall Times Measurement Conditions: HiSPi Power Supply 0.4V, Max Freq 700 MHz Parameter Symbol Min Typ Max Unit Data Rate 1/UI 280 – 700 Mb/s Max setup time from transmitter TxPRE 0.3 – – UI1 Max hold time from transmitter TxPost 0.3 – – UI Rise time (20% - 80%) RISE – 0.25UI – Fall time (20% - 80%) FALL 150ps 0.25 UI – Clock duty PLL_DUTY 45 50 55 % Bitrate Period tpw 1.43 3.57 ns1 Eye Width teye 0.3 UI1, 2 Data Total jitter (pk pk)@1e-9 ttotaljit 0.2 UI1, 2 Clock Period Jitter (RMS) tckjit 50 ps2 Clock cycle to cycle jitter (RMS) tcyjit 100 ps2 Clock to Data Skew tchskew -0.1 0.1 UI1, 2 PHY-to-PHY Skew t|PHYskew| 2.1 UI1, 5 Mean differential skew tDIFFSKEW –100 100 ps6 0V Diff) VDIFFmax VDIFFmin Output Signal is 'Cp - Cn' or 'Dp - Dn' |