Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPL-35-GB-BD-XDFM Arkusz danych(PDF) 7 Page - Source Photonics, Inc.

Numer części SPL-35-GB-BD-XDFM
Szczegółowy opis  Up to 40km point-point transmission
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-35-GB-BD-XDFM Arkusz danych(HTML) 7 Page - Source Photonics, Inc.

Back Button SPL-35-GB-BD-XDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPL-35-GB-BD-xDFM
SPL-53-GB-BD-xDFM
DS-6659 Rev 02 2011-10-24
Preliminary
15
1
Length (9um) FF
16
1
Length (50um) 00
17
1
Length (62.5um) 00
18
1
Length (copper) 00
19
1
Reserved
00
20—35
16
Vendor name
53 4F 55 52 43 45 50 48
4F 54 4F 4E 49 43 53 20
“SOURCEPHOTONICS”(ASC )
36
1
Reserved
00
37—39
3
Vendor OUI
00 1F 22
40—55
16
Vendor PN
xx
SPL-35/53-GB-BD-xDFM” (ASCⅡ)
56—59
4
Vendor rev
31 30 20 20
ASCⅡ( “31 30 20 20” means 1.0 revision)
60-61
2
Wavelength
05 1E/06 0E
1310/1550nm
62
1
Reserved
00
63
1
CC_BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ
84—91
8
Vendor date codexx xx xx xx xx xx 30 31
Year(2 bytes), Month(2 bytes), Day (2 bytes)
92
1
Diagnostic type 58
Diagnostics(External Calibration)
93
1
Enhanced option B0
Diagnostics (Optional Alarm/warning flags,
Soft
TX_FAULT
and
Soft
TX_LOS
monitoring)
94
1
SFF-8472
02
Diagnostics(SFF-8472 Rev 9.5)
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96-127
32
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the related
document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which
makes use of the 8 bit address 1010001X (A2h). Please see Figure 4. For detail EEPROM information,
please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is
described in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com