Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPL-35-GB-BD-XDFM Arkusz danych(PDF) 4 Page - Source Photonics, Inc.

Numer części SPL-35-GB-BD-XDFM
Szczegółowy opis  Up to 40km point-point transmission
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-35-GB-BD-XDFM Arkusz danych(HTML) 4 Page - Source Photonics, Inc.

  SPL-35-GB-BD-XDFM Datasheet HTML 1Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPL-35-GB-BD-xDFM
SPL-53-GB-BD-xDFM
DS-6659 Rev 02 2011-10-24
Preliminary
TX_ Fault (Fault)
2.0
Vcc+0.3
V
TX_ Fault (Normal)
0
0.8
V
Receiver
Data Output Swing Differential
VOUT
370
1600
mV
1
Rx_LOS Fault
VLOS-Fault
2.0
Vcc+0.3
V
Rx_LOS Normal
VLOS-Normal
GND
GND+0.8
V
Notes:
1. Internally AC coupled
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
Figure 2, Recommended Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com