Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPL-35-GB-BD-XDFM Arkusz danych(PDF) 9 Page - Source Photonics, Inc.

Numer części SPL-35-GB-BD-XDFM
Szczegółowy opis  Up to 40km point-point transmission
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-35-GB-BD-XDFM Arkusz danych(HTML) 9 Page - Source Photonics, Inc.

Back Button SPL-35-GB-BD-XDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-35-GB-BD-XDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPL-35-GB-BD-xDFM
SPL-53-GB-BD-xDFM
DS-6659 Rev 02 2011-10-24
Preliminary
Order Information
Table 11 – Order Information
Part No.
Data Rate
Laser Source
Fiber Type
SPL-35-GB-BD-xDFM
1.25G
1310nm DFB Tx/1550nm PIN Rx
SMF
SPL-53-GB-BD-xDFM
1.25G
1550nm DFB Tx/1310nm PIN Rx
SMF
Warnings
Handling Precautions:
This device is susceptible to damage as a result of electrostatic discharge (ESD). A static
free environment is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety:
Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct
or indirect radiation.
Legal Notice
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Source Photonics’s sole and
absolute discretion. Source Photonics warrants performance of its products to current specifications only in
accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary”
are given to describe components only, and Source Photonics expressly disclaims any and all warranties for said
products, including express, implied, and statutory warranties, warranties of merchantability, fi tness for a particular
purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of Sale
for further warranty information.
Source Photonics assumes no liability for applications assistance, customer product design, software performance,
or infringement of patents, services, or intellectual property described herein. No license, either express or implied,
is granted under any patent right, copyright, or intellectual property right, and Source Photonics makes no
representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual
property rights. Products described in this document are NOT intended for use in implantation or other life support
applications where malfunction may result in injury or death to persons. Source Photonics customers using or
selling products for use in such applications do so at their own risk and agree to fully defend and indemnify Source
Photonics for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees
that Source Photonics is not liable for any actual, consequential, exemplary, or other damages arising directly or
indirectly from any use of the information contained in this document. Customer must contact Source Photonics to
obtain the latest version of this publication to verify, before placing any order, that the information contained herein
is current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com