| Zakładka z wyszukiwarką danych komponentów |
|
L9663 Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9663 Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 104 page ![]() Overall description L9663 8/104 DocID028693 Rev 1 The Transceivers 1 and 2 limit the current and the PSIx voltage (PSI5-requirement when VAS is too high because of failure in the VAS power supply, less than 11 V in data transmission or less than 16.5 V in sync pulse). The current modulated signal received from sensor is detected and digitally converted. This sensor data will then either be: First Manchester decoded by the Manchester Decoder block with mark space error correction and then transferred to the "receive data buffer" module (Mode 1). The data from the new sensor frames will be saved in a buffer and then will be transferred to the μC via SPI. Transferred directly to the μC (Mode 2). In this case the output of the transceiver is a Manchester-coded signal without error correction that falls under microcontroller responsibility. |