Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9663 Arkusz danych(PDF) 44 Page - STMicroelectronics

Numer części L9663
Szczegółowy opis  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Arkusz danych(HTML) 44 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 40Page - STMicroelectronics L9663 Datasheet HTML 41Page - STMicroelectronics L9663 Datasheet HTML 42Page - STMicroelectronics L9663 Datasheet HTML 43Page - STMicroelectronics L9663 Datasheet HTML 44Page - STMicroelectronics L9663 Datasheet HTML 45Page - STMicroelectronics L9663 Datasheet HTML 46Page - STMicroelectronics L9663 Datasheet HTML 47Page - STMicroelectronics L9663 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
Diagnosis
L9663
44/104
DocID028693 Rev 1
4.4
PSIx reverse voltage monitoring
The PSIx sensor supply lines are monitored to detect a short circuit to battery if the PSIx line
is switched on.
Basic features:
Reverse voltage monitoring with respect to VAS (or VBH during sync pulse) voltage
with filter time
Readable via SPI
Figure 23. Timing for PSIx reverse voltage detection
In case of a detected failure, a failure bit STBx in SR2 register is set to '1' (latched and
cleared upon reading via SPI).
After reset, the failure bit is reset to '0'
4.5
VAS under/over voltage monitoring
The VAS voltage is monitored for under voltage and over voltage.
Basic features:
Under voltage comparator with filter time
Over voltage comparator with filter time
Readable via SPI
Figure 24. Timing for VAS under voltage detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More