| Zakładka z wyszukiwarką danych komponentów |
|
STRFNFCA Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STRFNFCA Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 74 page ![]() Pin and signal descriptions STRFNFCA 6/74 Doc ID 023077 Rev 10 2 Pin and signal descriptions Figure 3. STRFNFCA pinout description Table 2. STRFNFCA pin descriptions Pin Pin name Type(1) Main function Alternate function 1 TX1 O Driver output 1 2 TX2 O Driver output 2 3 NC Not connected 4 NC Not connected 5 RX1 I Receiver input 1 6 RX2 I Receiver input 2 7 NC Not connected 8 GND_RX P Ground (analog) 9 ST_R0 O ST Reserved(2) 10 NC Not connected 11 NC Not connected 1 17 25 9 NC NC GND ST_R1 SSI_1 TX1 TX2 NC NC RX1 Shaded area represents the dissipation pad. (Must be connected to ground.) RX2 NC GND_RX SSI_0 SPI_SCK SPI_MOSI |