| Zakładka z wyszukiwarką danych komponentów |
|
STRFNFCA Arkusz danych(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STRFNFCA Arkusz danych(HTML) 68 Page - STMicroelectronics |
|
68 / 74 page ![]() Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693 tags STRFNF- 68/74 Doc ID 023077 Rev 10 REM, FIELD OFF >>> 02020000 <<< 0000 REM, 14443B (STRFNFCA PROTOCOL Selection 14443_B >>> 020403010180 <<< 0000 REM, 14443B Optimization STRFNFCA Analog Configuration for 144443 (0x30) >>> 090468010130 <<< 0000 REM, Access to NFC FORUM TAG Type 4B REM, REQB 0x 050000 + CRC_B (APf AFI Param (slot0)) REM, Reply ATQB 0x50 4Bytes 4 Bytes 3 Bytes + CRC_B (PUPI AppliData Protocol Info) REM, Reply from STRFNFCA 80 0F 50AABBCCDD30ABAB010081E1AE00 00 REM, 80 response OK, 0F nb byte response including tag reply and the ultimate STRFNFCA status byte 00 (reply OK) REM, Tag reply 50AABBCCDD30ABAB010081E1AE00 REM, Response code 50 REM, Pupi AABBCCDD REM, AFI 30 access control REM, CRC_B(AID) ABAB REM, Nb Appli (1) 01 REM, Prot Info byte1 00 (106 Kbps both direction) REM, Prot Info byte 2 81( frame max 256 Bytes ISO compliant) 0081E1AE0000 REM, Prot Info byte 3 E1 (Max frame wait time 4.9 ms Appli proprietary CID supported) REM, CRC_B AE00 REM, 14443_3 REM, REQB .... >>> 04 03 050000 <<< 80 0F 50AABBCCDD30ABAB010081E1 AE00 00 |