Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLC5506PCASM Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części CLC5506PCASM
Szczegółowy opis  Gain Trim Amplifier (GTA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5506PCASM Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC5506PCASM Datasheet HTML 4Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 5Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 6Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 7Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 8Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 9Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 10Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 11Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
APPLICATION NOTE (Continued)
Differential Input and Output Considerations
The CLC5506 typical application requires DC blocking ca-
pacitors for both inputs and outputs to main internal DC bias-
ing points.
The input impedance between the differential inputs (IN+,
IN-) is 200
Ω//0.5pF. Since the 0.5pF capacitance can be ne-
glected in the VHF band, a 1:4 impedance ratio balun can be
used to transform a 50
Ω source to the 200Ω differential in-
puts of CLC5506 for wide band design.
The CLC5506 has a pair of open collector differential outputs
(OUT+, OUT-). DC biasing is achieved through an RF induc-
tor. The RF inductor acts as a choke to block RF leakage and
interference. An external resistor across the differential out-
puts is used to set the output resistance of CLC5506. Wide-
band output matching to an unbalanced 50
Ω load can be
achieved by using a 1:n balun. A 1:4 impedance ratio balun
is used when a 200
Ω external resistor is used in a 50Ω sys-
tem.
Although the CLC5506 can be used as a single-ended de-
vice by grounding one of the inputs through a capacitor, the
noise figure would be severely degraded by 6dB.
The CLC5506 can also directly interface to balanced de-
vices, like SAW filters and ADCs. Narrowband design ex-
ample with ADC CLC5956 and SAW filter is provided below.
The component values of matching inductors and capacitors
depend on the actual input/output impedance of the SAW fil-
ter, ADC, PWB properties, layout and frequency band.
CLC5506 Evaluation Board
A proper printed circuit layout is essential for achieving high
frequency performance. To expedite evaluation, an as-
sembled and tested evaluation kit CLC5506PCASM is avail-
able for sale. See application note AN-1138 for technical de-
tails of evaluation kit. Order information and application note
is available on the Web at http://www.national.com
DS101050-20
FIGURE 4. Narrow band design example with balanced SAW filter and ADC
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12