| Zakładka z wyszukiwarką danych komponentów |
|
TMS320DM355CZCEA13 Arkusz danych(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA13 Arkusz danych(HTML) 17 Page - Texas Instruments |
|
17 / 163 page ![]() TMS320DM355 www.ti.com SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 Table 2-5. CCD Controller/Video Input Terminal Functions (continued) TERMINAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. Standard CCD/CMOS input: Raw[05] • YCC 16-bit: Time multiplexed between chroma: Y[05] YIN5/ PD M5 I/O/Z • YCC 8-bit (which allows for two simultaneous decoder inputs), it is time GIO091 VDD_VIN multiplexed between luma and chroma of the upper channel. Y/CB/CR[05] GIO: GIO[091] Standard CCD/CMOS input: Raw[04] • YCC 16-bit: Time multiplexed between chroma: Y[04] YIN4/ PD P3 I/O/Z • YCC 8-bit (which allows for two simultaneous decoder inputs), it is time GIO090 VDD_VIN multiplexed between luma and chroma of the upper channel. Y/CB/CR[04] GIO: GIO[090] Standard CCD/CMOS input: Raw[03] • YCC 16-bit: Time multiplexed between chroma: Y[03] YIN3/ PD R3 I/O/Z • YCC 8-bit (which allows for two simultaneous decoder inputs), it is time GIO089 VDD_VIN multiplexed between luma and chroma of the upper channel. Y/CB/CR[03] GIO: GIO[089] Standard CCD/CMOS input: Raw[02] • YCC 16-bit: Time multiplexed between chroma: Y[02] YIN2/ PD P4 I/O/Z • YCC 8-bit (which allows for two simultaneous decoder inputs), it is time GIO088 VDD_VIN multiplexed between luma and chroma of the upper channel. Y/CB/CR[02] GIO: GIO[088] Standard CCD/CMOS input: Raw[01] • YCC 16-bit: Time multiplexed between chroma: Y[01] YIN1/ PD P2 I/O/Z • YCC 8-bit (which allows for two simultaneous decoder inputs), it is time GIO087 VDD_VIN multiplexed between luma and chroma of the upper channel. Y/CB/CR[01] GIO: GIO[087] Standard CCD/CMOS input: Raw[00] • YCC 16-bit: Time multiplexed between chroma: Y[00] YIN0/ PD P5 I/O/Z • YCC 8-bit (which allows for two simultaneous decoder inputs), it is time GIO086 VDD_VIN multiplexed between luma and chroma of the upper channel. Y/CB/CR[00] GIO: GIO[086] Horizontal synchronization signal that can be either an input (slave mode) or an CAM_HD/ PD N5 I/O/Z output (master mode). Tells the CCDC when a new line starts. GIO085 VDD_VIN GIO: GIO[085] Vertical synchronization signal that can be either an input (slave mode) or an output CAM_VD PD R4 I/O/Z (master mode). Tells the CCDC when a new frame starts. GIO084 VDD_VIN GIO: GIO[084] Write enable input signal is used by external device (AFE/TG) to gate the DDR output of the CCDC module. Alternately, the field identification input signal is used CAM_WEN PD by external device (AFE/TG) to indicate which of two frames is input to the CCDC _FIELD\ R5 I/O/Z VDD_VIN module for sensors with interlaced output. CCDC handles 1- or 2-field sensors in GIO083 hardware. GIO: GIO[083] PCLK/ PD Pixel clock input (strobe for lines C17 through Y10) T3 I/O/Z GIO082 VDD_VIN GIO: GIO[0082] 2.5 Image Data Output - Video Processing Back End (VPBE) The Video Encoder/Digital LCD interface module in the video processing back end has an external signal interface for digital image data output as described in Table 2-7 and Table 2-8. The digital image data output signals support multiple functions / interfaces, depending on the display mode selected. The following table describes these modes. Parallel RGB mode with more than RGB565 signals requires enabling pin multiplexing to support (i.e., for RGB666 mode). Copyright © 2007–2010, Texas Instruments Incorporated Device Overview 17 Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |