| Zakładka z wyszukiwarką danych komponentów |
|
TMS320DM355CZCEA13 Arkusz danych(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA13 Arkusz danych(HTML) 48 Page - Texas Instruments |
|
48 / 163 page ![]() TMS320DM355 SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 www.ti.com Table 2-23. DM355 Pin Descriptions (continued) Name BGA Type Group Power PU Reset Description(4) Mux Control ID (1) Supply(2) PD(3) State EM_D09 / K18 I/O AEMI VDD in Async EMIF: Data Bus bit[09] PINMUX2[4].EM_D1 GIO047 F / 5_8, GIO GIO: GIO[047] default set by AECFG[3] EM_D08 / L16 I/O AEMI VDD in Async EMIF: Data Bus bit[08] PINMUX2[4].EM_D1 GIO046 F / 5_8, GIO GIO: GIO[046] default set by AECFG[3] EM_D07 / K19 I/O AEMI VDD in Async EMIF: Data Bus bit[07] PINMUX2[5].EM_D7 GIO045 F / _0 GIO GIO: GIO[045] EM_D06 / K17 I/O AEMI VDD in Async EMIF: Data Bus bit[06] PINMUX2[5].EM_D7 GIO044 F / _0 GIO GIO: GIO[044] EM_D05 / J19 I/O AEMI VDD in Async EMIF: Data Bus bit[05] PINMUX2[5].EM_D7 GIO043 F / _0 GIO GIO: GIO[043] EM_D04 / L15 I/O AEMI VDD in Async EMIF: Data Bus bit[04] PINMUX2[5].EM_D7 GIO042 F / _0 GIO GIO: GIO[042] EM_D03 / J18 I/O AEMI VDD in Async EMIF: Data Bus bit[03] PINMUX2[5].EM_D7 GIO041 F / _0 GIO GIO: GIO[041] EM_D02 / H19 I/O AEMI VDD in Async EMIF: Data Bus bit[02] PINMUX2[5].EM_D7 GIO040 F / _0 GIO GIO: GIO[040] EM_D01 / J17 I/O AEMI VDD in Async EMIF: Data Bus bit[01] PINMUX2[5].EM_D7 GIO039 F / _0 GIO GIO: GIO[039] EM_D00 / H18 I/O AEMI VDD in Async EMIF: Data Bus bit[00] PINMUX2[5].EM_D7 GIO038 F / _0 GIO GIO: GIO[038] EM_CE0 / J16 I/O AEMI VDD out H Async EMIF: Lowest numbered Chip Select. PINMUX2[6].EM_CE GIO037 F / Can be programmed to be used for standard 0 GIO asynchronous memories (example:flash), OneNand or NAND memory. Used for the default boot and ROM boot modes. GIO: GIO[037] EM_CE1 / G19 I/O AEMI VDD out H Async EMIF: Second Chip Select., Can be PINMUX2[7].EM_CE GIO036 F / programmed to be used for standard 1 GIO asynchronous memories (example: flash), OneNand or NAND memory. GIO: GIO[036] 48 Device Overview Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |