| Zakładka z wyszukiwarką danych komponentów |
|
TMS320DM355CZCEA13 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA13 Arkusz danych(HTML) 10 Page - Texas Instruments |
|
10 / 163 page ![]() TMS320DM355 SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 www.ti.com Table 2-3. DM355 ARM Configuration Bus Access to Peripherals (continued) Address Accessibility UART1 0x01C2 0400 0x01C2 07FF 1K √ √ Timer4/5 0x01C2 0800 0x01C2 0BFF 1K √ √ Real-time out 0x01C2 0C00 0x01C2 0FFF 1K √ √ I2C 0x01C2 1000 0x01C2 13FF 1K √ √ Timer0/1 0x01C2 1400 0x01C2 17FF 1K √ √ Timer2/3 0x01C2 1800 0x01C2 1BFF 1K √ √ WatchDog Timer 0x01C2 1C00 0x01C2 1FFF 1K √ √ PWM0 0x01C2 2000 0x01C2 23FF 1K √ √ PWM1 0x01C2 2400 0x01C2 27FF 1K √ √ PWM2 0x01C2 2800 0x01C2 2BFF 1K √ √ PWM3 0x01C2 2C00 0x01C2 2FFF 1K √ √ System Module 0x01C4 0000 0x01C4 07FF 2K √ √ PLL Controller 0 0x01C4 0800 0x01C4 0BFF 1K √ √ PLL Controller 1 0x01C4 0C00 0x01C4 0FFF 1K √ √ Power/Sleep Controller 0x01C4 1000 0x01C4 1FFF 4K √ √ Reserved 0x01C4 2000 0x01C4 7FFF 24K √ √ ARM Interrupt Controller 0x01C4 8000 0x01C4 83FF 1K √ √ Reserved 0x01C4 8400 0x01C6 3FFF 111K √ √ USB OTG 2.0 Regs / RAM 0x01C6 4000 0x01C6 5FFF 8K √ √ SPI0 0x01C6 6000 0x01C6 67FF 2K √ √ SPI1 0x01C6 6800 0x01C6 6FFF 2K √ √ GPIO 0x01C6 7000 0x01C6 77FF 2K √ √ SPI2 0x01C6 7800 0x01C6 FFFF 2K √ √ VPSS Subsystem 0x01C7 0000 0x01C7 FFFF 64K √ √ VPSS Clock Control 0x01C7 0000 0x01C7 007F 128 √ √ Hardware 3A 0x01C7 0080 0x01C7 00FF 128 √ √ Image Pipe (IPIPE) Interface 0x01C7 0100 0x01C7 01FF 256 √ √ On Screen Display 0x01C7 0200 0x01C7 02FF 256 √ √ Reserved 0x01C7 0300 0x01C7 03FF 256 √ √ Video Encoder 0x01C7 0400 0x01C7 05FF 512 √ √ CCD Controller 0x01C7 0600 0x01C7 07FF 256 √ √ VPSS Buffer Logic 0x01C7 0800 0x01C7 08FF 256 √ √ Reserved 0x01C7 0900 0x01C7 09FF 256 √ √ Image Pipe (IPIPE) 0x01C7 1000 0x01C7 3FFF 12K √ √ Reserved 0x01C7 4000 0x01CD FFFF 432K √ √ Multimedia / SD 1 0x01E0 0000 0x01E0 1FFF 8K √ √ ASP0 0x01E0 2000 0x01E0 3FFF 8K √ √ ASP1 0x01E0 4000 0x01E0 5FFF 8K √ √ UART2 0x01E0 6000 0x01E0 63FF 1K √ √ Reserved 0x01E0 6400 0x01E0 FFFF 39K √ √ ASYNC EMIF Control 0x01E1 0000 0x01E1 0FFF 4K √ √ Multimedia / SD 0 0x01E1 1000 0x01E1 FFFF 60K √ √ Reserved 0x01E2 0000 0x01FF FFFF 1792K √ √ ASYNC EMIF Data (CE0) 0x0200 0000 0x03FF FFFF 32M √ √ ASYNC EMIF Data (CE1) 0x0400 0000 0x05FF FFFF 32M √ √ Reserved 0x0600 0000 0x09FF FFFF 64M √ √ Reserved 0x0A00 0000 0x0BFF FFFF 32M √ √ 10 Device Overview Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |