Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM358PSLE Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM358PSLE
Szczegółowy opis  Dual Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM358PSLE Arkusz danych(HTML) 3 Page - Texas Instruments

  LM358PSLE Datasheet HTML 1Page - Texas Instruments LM358PSLE Datasheet HTML 2Page - Texas Instruments LM358PSLE Datasheet HTML 3Page - Texas Instruments LM358PSLE Datasheet HTML 4Page - Texas Instruments LM358PSLE Datasheet HTML 5Page - Texas Instruments LM358PSLE Datasheet HTML 6Page - Texas Instruments LM358PSLE Datasheet HTML 7Page - Texas Instruments LM358PSLE Datasheet HTML 8Page - Texas Instruments LM358PSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.ti.com
SLOS068T – JUNE 1976 – REVISED APRIL 2015
5 Pin Configuration and Functions
D, DGK, P, PS, PW and JG Package
FK Package
8-Pin SOIC, VSSOP, PDIP, SO, TSSOP and CDIP
20-Pin LCCC
(Top View)
(Top View)
NC - No internal connection
Pin Functions
PIN
SOIC, SSOP,
I/O
DESCRIPTION
CDIP, PDIP
NAME
LCCC NO.
SO, TSSOP,
CFP NO.
1IN–
5
2
I
Negative input
1IN+
7
3
I
Positive input
1OUT
2
1
O
Output
2IN–
15
6
I
Negative input
2IN+
12
5
I
Positive input
2OUT
17
7
O
Output
GND
10
4
—
Ground
1
3
4
6
8
9
NC
—
—
Do not connect
11
13
14
16
18
19
VCC
—
8
—
Power supply
VCC+
20
—
—
Power supply
Copyright © 1976–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com