Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM358PSLE Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM358PSLE
Szczegółowy opis  Dual Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM358PSLE Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM358PSLE Datasheet HTML 3Page - Texas Instruments LM358PSLE Datasheet HTML 4Page - Texas Instruments LM358PSLE Datasheet HTML 5Page - Texas Instruments LM358PSLE Datasheet HTML 6Page - Texas Instruments LM358PSLE Datasheet HTML 7Page - Texas Instruments LM358PSLE Datasheet HTML 8Page - Texas Instruments LM358PSLE Datasheet HTML 9Page - Texas Instruments LM358PSLE Datasheet HTML 10Page - Texas Instruments LM358PSLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.ti.com
SLOS068T – JUNE 1976 – REVISED APRIL 2015
Electrical Characteristics for LM158A and LM258A (continued)
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM158A
LM258A
PARAMETER
TEST CONDITIONS
(1)
TA
(1)
UNIT
MIN
TYP
(2)
MAX
MIN
TYP
(2)
MAX
Average temperature
αVIO
coefficient of input
Full range
7
15
(3)
7
15
µA/°C
offset voltage
25°C
2
10
2
15
IIO
Input offset current
VO = 1.4 V
nA
Full range
30
30
Average temperature
αIIO
coefficient of input
Full range
10
200
10
200
pA/°C
offset current
25°C
–15
–50
–15
–80
IIB
Input bias current
VO = 1.4 V
nA
Full range
–100
–100
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
Common-mode input
VICR
VCC = 30 V
V
voltage range
0 to
0 to
Full range
VCC – 2
VCC – 2
RL ≥ 2 kΩ
25°C
VCC – 1.5
VCC – 1.5
High-level output
VOH
RL= 2kΩ
Full range
26
26
V
voltage
VCC = 30 V
RL≥ 10kΩ
Full range
27
28
27
28
Low-level output
VOL
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
voltage
Large-signal
25°C
50
100
50
100
VCC = 15 V, VO = 1 V to 11 V,
AVD
differential voltage
V/mV
RL ≥ 2 kΩ
Full range
25
25
amplification
Common-mode
CMRR
25°C
70
80
70
80
dB
rejection ratio
Supply-voltage
rejection ratio
kSVR
25°C
65
100
65
100
dB
(
ΔVD /ΔVIO)
Crosstalk
VO1/ VO2
f = 1 kHz to 20 kHz
25°C
120
120
dB
attenuation
VCC = 15 V,
25°C
–20
–30
–60
–20
–30
−60
VID = 1 V,
Source
Full range
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
20
10
20
VID = –1 V,
Sink
Full range
5
5
VO = 15 V
VID = −1 V, VO = 200 mV
25°C
12
30
12
30
μA
VCC at 5 V, GND at –5 V,
Short-circuit
IOS
25°C
±40
±60
±40
±60
mA
output current
VO = 0
VO = 2.5 V, No load
Full range
0.7
1.2
0.7
1.2
Supply current
ICC
mA
VCC = MAX V, VO = 0.5 V,
(four amplifiers)
Full range
1
2
1
2
No load
(3)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.8 Electrical Characteristics for LM358A
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM358A
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
VCC = 5 V to 30 V,
25°C
2
3
VIO
Input offset voltage
VIC = VICR(min),
mV
Full range
5
VO = 1.4 V
Average temperature coefficient
αVIO
Full range
7
20
µA/°C
of input offset voltage
25°C
2
30
IIO
Input offset current
VO = 1.4 V
nA
Full range
75
Average temperature coefficient
αIIO
Full range
10
300
pA/°C
of input offset current
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2904 and 30 V for others.
(2)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2904 and 30 V for others.
(3)
All typical values are at TA = 25°C.
Copyright © 1976–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com