Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM358PSLE Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM358PSLE
Szczegółowy opis  Dual Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM358PSLE Arkusz danych(HTML) 4 Page - Texas Instruments

  LM358PSLE Datasheet HTML 1Page - Texas Instruments LM358PSLE Datasheet HTML 2Page - Texas Instruments LM358PSLE Datasheet HTML 3Page - Texas Instruments LM358PSLE Datasheet HTML 4Page - Texas Instruments LM358PSLE Datasheet HTML 5Page - Texas Instruments LM358PSLE Datasheet HTML 6Page - Texas Instruments LM358PSLE Datasheet HTML 7Page - Texas Instruments LM358PSLE Datasheet HTML 8Page - Texas Instruments LM358PSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
SLOS068T – JUNE 1976 – REVISED APRIL 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
LMx58, LMx58x,
LM2904
UNIT
LM2904V
MIN
MAX
MIN
MAX
VCC
Supply voltage(2)
–0.3
±16 or 32
–0.3
±13 or 26
V
VID
Differential input voltage(3)
–32
32
–26
26
V
either
VI
Input voltage
–0.3
32
–0.3
26
V
input
Duration of output short circuit (one amplifier) to ground at
(or below) TA = 25°C,
Unlimited
Unlimited
s
VCC ≤ 15 V
(4)
LM158, LM158A
–55
125
LM258, LM258A
–25
85
TA
Operating free air temperature
°C
LM358, LM358A
0
70
LM2904
–40
125
–40
125
TJ
Operating virtual junction temperature
150
150
°C
Case temperature for 60
FK package
260
°C
seconds
Lead temperature 1.6 mm (1/16
JG package
300
300
°C
inch) from case for 60 seconds
Tstg
Storage temperature
–65
150
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+, with respect to IN
−.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
LMx58, LMx58x,
LM2904
LM2904V
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
3
30
3
26
V
VCM
Common-mode voltage
0
VCC – 2
0
VCC – 2
V
LM158
–55
125
LM2904
–40
125
–40
125
TA
Operating free air temperature
°C
LM358
0
70
LM258
–25
85
4
Submit Documentation Feedback
Copyright © 1976–2015, Texas Instruments Incorporated
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com