| Zakładka z wyszukiwarką danych komponentów |
|
DS3134 Arkusz danych(PDF) 188 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 Arkusz danych(HTML) 188 Page - Dallas Semiconductor |
|
188 / 203 page ![]() DS3134 188 of 203 Bit Symbol Lead I/O Control Bit Description 36 PIRDY.iocntl - - 0 = PIRDY* is an input; 1 = PIRDY* is an output 35 PIRDY* V10 I/O 34 PTRDY.iocntl - - 0 = PTRDY* is an input; 1 = PTRDY* is an output 33 PTRDY* Y10 I/O 32 PDEVSEL.iocntl - - 0 = PDEVSEL* is an input; 1 = PDEVSEL* is an output 31 PDEVSEL* Y11 I/O 30 PSTOP.iocntl - - 0 = PSTOP* is an input; 1 = PSTOP* is an output 29 PSTOP* W11 I/O 28 PPERR.iocntl - - 0 = PPERR* is an input; 1 = PPERR* is an output 27 PPERR* V11 I/O 26 PSERR* Y12 O 25 PPAR.iocntl - - 0 = PPAR is an input; 1 = PPAR is an output 24 PPAR W12 I/O 23 PCBE1.iocntl - - 0 = PCBE1* is an input; 1 = PCBE1* is an output 22 PCBE1* V12 I/O 21 PAD15 Y13 I/O 20 PAD14 W13 I/O 19 PAD13 V13 I/O 18 PAD12 Y14 I/O 17 PAD11 W14 I/O 16 PAD10 Y15 I/O 15 PAD9 V14 I/O 14 PAD8 W15 I/O 13 PCBE0.iocntl - - 0 = PCBE0* is an input; 1 = PCBE0* is an output 12 PCBE0* Y16 I/O 11 PAD7 V15 I/O 10 PAD6 W16 I/O 9 PAD5 Y17 I/O 8 PAD4 V16 I/O 7 PAD3 W17 I/O 6 PAD2 Y18 I/O 5 PAD1 U16 I/O 4 PAD0 V17 I/O 3PINT* W18 O 2 PXAS* V18 O 1 PXDS* W19 O 0 PXBLAST* Y20 O |