| Zakładka z wyszukiwarką danych komponentów |
|
DS3134 Arkusz danych(PDF) 19 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 Arkusz danych(HTML) 19 Page - Dallas Semiconductor |
|
19 / 203 page ![]() DS3134 19 of 203 Lead Symbol Type Signal Description V11 PPERR* I/O PCI Parity Error. V4 PREQ* O PCI Bus Request. W3 PRST* I PCI Reset. Y12 PSERR* O PCI System Error. W11 PSTOP* I/O PCI Stop. Y10 PTRDY* I/O PCI Target Ready. V18 PXAS* O PCI Extension Signal: Address Strobe. Y20 PXBLAST* O PCI Extension Signal: Burst Last. W19 PXDS* O PCI Extension Signal: Data Strobe. B1 RC0 I Receive Serial Clock for Port 0. D1 RC1 I Receive Serial Clock for Port 1. F2 RC2 I Receive Serial Clock for Port 2. H2 RC3 I Receive Serial Clock for Port 3. M1 RC4 I Receive Serial Clock for Port 4. P1 RC5 I Receive Serial Clock for Port 5. P4 RC6 I Receive Serial Clock for Port 6. V1 RC7 I Receive Serial Clock for Port 7. B17 RC8 I Receive Serial Clock for Port 8. B16 RC9 I Receive Serial Clock for Port 9. C14 RC10 I Receive Serial Clock for Port 10. D12 RC11 I Receive Serial Clock for Port 11. A10 RC12 I Receive Serial Clock for Port 12. B8 RC13 I Receive Serial Clock for Port 13. B6 RC14 I Receive Serial Clock for Port 14. C5 RC15 I Receive Serial Clock for Port 15. D2 RD0 I Receive Serial Data for Port 0. E2 RD1 I Receive Serial Data for Port 1. G3 RD2 I Receive Serial Data for Port 2. J4 RD3 I Receive Serial Data for Port 3. M3 RD4 I Receive Serial Data for Port 4. R1 RD5 I Receive Serial Data for Port 5. T2 RD6 I Receive Serial Data for Port 6. U3 RD7 I Receive Serial Data for Port 7. D16 RD8 I Receive Serial Data for Port 8. C15 RD9 I Receive Serial Data for Port 9. A14 RD10 I Receive Serial Data for Port 10. B12 RD11 I Receive Serial Data for Port 11. C10 RD12 I Receive Serial Data for Port 12. A7 RD13 I Receive Serial Data for Port 13. D7 RD14 I Receive Serial Data for Port 14. A3 RD15 I Receive Serial Data for Port 15. C2 RS0 I Receive Serial Sync for Port 0. E3 RS1 I Receive Serial Sync for Port 1. F1 RS2 I Receive Serial Sync for Port 2. H1 RS3 I Receive Serial Sync for Port 3. |