| Zakładka z wyszukiwarką danych komponentów |
|
STM32L071X8 Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071X8 Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 136 page ![]() DocID027101 Rev 3 9/136 STM32L071xx Introduction 32 1 Introduction The ultra-low-power STM32L071xx are offered in 9 different package types from 32 pins to 100 pins. Depending on the device chosen, different sets of peripherals are included, the description below gives an overview of the complete range of peripherals proposed in this family. These features make the ultra-low-power STM32L071xx microcontrollers suitable for a wide range of applications: Gas/water meters and industrial sensors Healthcare and fitness equipment Remote control and user interface PC peripherals, gaming, GPS equipment Alarm system, wired and wireless sensors, video intercom This STM32L071xx datasheet should be read in conjunction with the STM32L0x1xx reference manual (RM0377). For information on the ARM® Cortex®-M0+ core please refer to the Cortex®-M0+ Technical Reference Manual, available from the www.arm.com website. Figure 1 shows the general block diagram of the device family. |