| Zakładka z wyszukiwarką danych komponentów |
|
STM32L071X8 Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071X8 Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 136 page ![]() Functional overview STM32L071xx 16/136 DocID027101 Rev 3 VDD = 2.0 to 2.4 V Conversion time up to 1.14 Msps Range 1, range 2 or range 3 Full speed operation VDD = 2.4 to 3.6 V Conversion time up to 1.14 Msps Range 1, range 2 or range 3 Full speed operation 1. CPU frequency changes from initial to final must respect "fcpu initial <4*fcpu final". It must also respect 5 μs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, you can switch from 4.2 MHz to 16 MHz, wait 5 μs, then switch from 16 MHz to 32 MHz. Table 4. CPU frequency range depending on dynamic voltage scaling CPU frequency range Dynamic voltage scaling range 16 MHz to 32 MHz (1ws) 32 kHz to 16 MHz (0ws) Range 1 8 MHz to 16 MHz (1ws) 32 kHz to 8 MHz (0ws) Range 2 32 kHz to 4.2 MHz (0ws) Range 3 Table 3. Functionalities depending on the operating power supply range (continued) Operating power supply range Functionalities depending on the operating power supply range ADC operation Dynamic voltage scaling range I/O operation Table 5. Functionalities depending on the working mode (from Run/active down to standby) (1)(2) IPs Run/Active Sleep Low- power run Low- power sleep Stop Standby Wakeup capability Wakeup capability CPU Y -- Y -- -- -- Flash memory O O O O -- -- RAM Y Y Y Y Y -- Backup registers Y Y Y Y Y Y EEPROM O O O O -- -- Brown-out reset (BOR) OO O O O O O O DMA O O O O -- -- Programmable Voltage Detector (PVD) OO O O O O - Power-on/down reset (POR/PDR) YY Y Y Y Y Y Y High Speed Internal (HSI) OO -- -- (3) -- |