Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24SR16-Y Arkusz danych(PDF) 52 Page - STMicroelectronics

Numer części M24SR16-Y
Szczegółowy opis  Support of NDEF data structure
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24SR16-Y Arkusz danych(HTML) 52 Page - STMicroelectronics

Back Button M24SR16-Y Datasheet HTML 48Page - STMicroelectronics M24SR16-Y Datasheet HTML 49Page - STMicroelectronics M24SR16-Y Datasheet HTML 50Page - STMicroelectronics M24SR16-Y Datasheet HTML 51Page - STMicroelectronics M24SR16-Y Datasheet HTML 52Page - STMicroelectronics M24SR16-Y Datasheet HTML 53Page - STMicroelectronics M24SR16-Y Datasheet HTML 54Page - STMicroelectronics M24SR16-Y Datasheet HTML 55Page - STMicroelectronics M24SR16-Y Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
I²C and RF command sets
M24SR16-Y
52/89
DocID024755 Rev 8
5.9
Specific RF command set
This section describes the command set that can be issued only by the RF host.
5.9.1
Anticollision command set
Table 58 lists the commands that can be issued only by the RF host. The format of these
commands is described in the NFC Forum Digital Protocol specification.
5.9.2
RATS command and ATS response
RATS command and ATS response are used for NFC Forum Type 4A Tag Platform Device
Activation (as defined in NFC Forum Digital Protocol specification).
Table 59 details the RATS command. This command shall be sent after the anticollision
process.
Table 56. StateControl command format
CLA
INS
P1&P2
Lc
Data
Le
Length
1 byte
1 byte
2 bytes
1 byte
-
-
Reset value
0xA2
0xD6
0x001F
0x01
0x00
-
Set value
0xA2
0xD6
0x001F
0x01
0x01
-
Table 57. R-APDU of the StateControl command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
The set or reset has been sent
Value
-
0x6A
0x80
The GPO is not configured in StateControl mode
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Value
-
0x6E
0x00
Class not supported
Table 58. Commands issues by the RF host
Family command set
Command name
Instruction code
NFC-A technology
ALL_REQ
0x52 (1)
1. Code on 7 bits.
SENS_REQ
0x26 (1)
SDD_REQ
0x93 or 0x95 or 0x97
SEL_REQ
0x93 or 0x95 or 0x97
SLP_REQ
0x50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com