Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24SR16-Y Arkusz danych(PDF) 59 Page - STMicroelectronics

Numer części M24SR16-Y
Szczegółowy opis  Support of NDEF data structure
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24SR16-Y Arkusz danych(HTML) 59 Page - STMicroelectronics

Back Button M24SR16-Y Datasheet HTML 55Page - STMicroelectronics M24SR16-Y Datasheet HTML 56Page - STMicroelectronics M24SR16-Y Datasheet HTML 57Page - STMicroelectronics M24SR16-Y Datasheet HTML 58Page - STMicroelectronics M24SR16-Y Datasheet HTML 59Page - STMicroelectronics M24SR16-Y Datasheet HTML 60Page - STMicroelectronics M24SR16-Y Datasheet HTML 61Page - STMicroelectronics M24SR16-Y Datasheet HTML 62Page - STMicroelectronics M24SR16-Y Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
DocID024755 Rev 8
59/89
M24SR16-Y
I2C device operation
78
7.5
I²C timeout on clock period
During a data transfer on the I2C bus, if the serial clock high pulse or serial clock low pulse
exceeds tCL_RESET value that is the maximum value specified in Table 78, the I2C logic
block is reset and any further incoming data transfer is ignored until the next valid Start
condition.
If the serial clock high pulse is under the maximum value of tCHCL and the serial clock low
pulse is under the maximum value of tCLCH in Table 78, the I2C logic block is not reset.
For proper operation, the serial clock high pulse should not be higher than tCHCL and lesser
than tCL_RESET, and the serial clock low pulse should not be higher than tCHCH and lesser
tCL_RESET.
7.6
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter,
whether a bus master or a slave device, releases the serial data (SDA) after sending eight
bits of data. During the 9th clock pulse period, the receiver pulls the SDA low to
acknowledge the receipt of the eight data bits.
7.7
Data input
During data input, the device samples serial data (SDA) on the rising edge of the serial clock
(SCL). For a correct device operation, the SDA must be stable during the rising edge of the
SCL, and the SDA signal must change only when the SCL is driven low.
7.8
I²C device address
The device address is the concatenation of the group number coded on 4 bits and the I2C
address coded on 3 bits, as shown in Table 68.
Table 68. I2C device address format
b7-b4
b3b2
b1b0
0b1010
1
1
0
0bx
Group number
E2 bit
E1 bit
E0 bit
0 = Request
1 = Answer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com