Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AP3068 Arkusz danych(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Numer części AP3068
Szczegółowy opis  WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3068 Arkusz danych(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3068 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Preliminary Datasheet
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
AP3068
May. 2010
Rev. 1.3
BCD Semiconductor Manufacturing Limited
8
Electrical Characteristics (Continued)
VIN =12V, VDD=5V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CURRENT SINK SECTION
Input Voltage
VDD
4.2
5.5
V
Quiescent Current
IQ
No Load
0.5
1
mA
ISET Reference Voltage
VISET
1.17
1.194
1.218
V
Output/ISET Current Multiplication
Ratio
k
370
400
430
VCHX=0.5V
23
45
VCHX=1V
65
70
Maximum
Output
Current
per
Channel
ICHX-MAX
VCHX=1.5V
110
120
mA
Current
Matching
Accuracy
Between Each Channel
ICH-MATCH
ICHX=60mA
VCHX=1V
-1.5
1.5
%
ICHX=20mA
0.45
ICHX=60mA
0.8
Current Sink Saturation Voltage per
Channel
VCHX
ICHX=100mA
1.2
V
Output Current Line Regulation
∆I
CH/
(ICH×∆VDD)
VDD=4.2V
to
5.5V
2
%/V
Output Current Load Regulation
VCHX=0.5V to
2.8V
4
%
LED Open Detecting Voltage
VD_OPEN
3
V
ENABLE AND PWM DIMMING SECTION
EN High Level Threshold Voltage
VIH_EN
2.0
V
EN Low Level Threshold Voltage
VIL_EN
0.5
V
PWM
High
Level
Threshold
Voltage
VIH_PWM
1.8
V
PWM
Low
Level
Threshold
Voltage
VIL_PWM
0.8
V
PWM Dimming Frequency
fPWM
0.1
25
kHz
Minimum PWM Duty Cycle
DPWM_MIN
0.35
%
TOTAL DEVICE
Thermal Shutdown Temperature
TOTSD
160
ºC
Thermal Shutdown Hysteresis
THYS
20
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com