Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AP3068 Arkusz danych(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Numer części AP3068
Szczegółowy opis  WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3068 Arkusz danych(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3068 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Preliminary Datasheet
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
AP3068
May. 2010
Rev. 1.3
BCD Semiconductor Manufacturing Limited
11
Application Information (Continued)
6. LED Current Setting
The maximum LED current per channel can be
adjusted up to 100mA via ISET pin. When ≥100mA
current is needed in application, two or more
channels can be paralleled to provide larger drive
current (Figure 10). Connect a resistor RISET between
ISET pin and GND to set the reference current ISET,
and ISET can be expressed as below:
ISET
SET
R
1.194V
I
=
This reference current is multiplied internally with a
gain (k) of 400, and then be mirrored onto all enabled
channels, which can set the maximum LED current,
referred to as 100% current (ICHX_MAX). And ICHX_MAX
can be expressed as below:
SET
CHX_MAX
I
k
I
×
=
The LED current can be reduced from 100% by
PWM dimming control.
7. PWM Dimming Mode
Applying a PWM signal to PWM pin to adjust the
LED current, that means, the LED current of all
enabled channels can be adjusted at the same time
and the LED brightness can be adjusted from 1%×
ICHX_MAX to 100% × ICHX_MAX. During the “high
level” period of PWM signal, the LED is turned on
and 100% of the current flows through LED, while
during the “low level” period of the PWM signal, the
LED is turned off and almost no current flows
through the LED, thus changing the average current
through LED and finally adjusting LED brightness.
The external PWM signal frequency applied to PWM
pin is allowed to be 100Hz or higher.
Figure 8. PWM Dimming of AP3068 (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com