Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AP3068 Arkusz danych(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Numer części AP3068
Szczegółowy opis  WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3068 Arkusz danych(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3068 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Datasheet
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
AP3068
May. 2010
Rev. 1.3
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3068 is a white LED (WLED) driver with
current balancing and dimming functions. It consists
of a boost controller and 8-channel current sinks to
drive WLED arrays with constant current from a
wide power supply range. It can be used in middle
and large-sized LCD panel backlight.
The full-scale LED current can be adjusted from
5mA to 100mA simply via a resistor. The 8 channels
can be paralleled for higher current application. The
AP3068 can support direct PWM dimming.
The AP3068 features LED open/short protection,
Under Voltage Lockout (UVLO) protection, over
output voltage protection and Over Temperature
Protection (OTP).
The AP3068 is available in TSSOP-281(EDP)
package.
Features
Input Voltage Range: 6V to 27V
Maximum Duty Cycle: 93%
Maximum Channel Current: 100mA
Current Matching Accuracy: ±1.5%
Adjustable Operating Frequency: 200kHz to
1MHz
Cycle-by-cycle Current Limit
Unused LED Channel Auto-detection
Open/Short LED Protection
Programmable Soft-start
Programmable UVLO Protection
Programmable OVP
Over Temperature Protection
FBX and SDBX Pins Enable Parallel
Application with AP3608E
Applications
LCD Monitor
LCD Display Module
LCD TV
Figure 1. Package Type of AP3068
TSSOP-28 (EDP)


Podobny numer części - AP3068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
AP30610 SCHNEIDER-AP30610 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
Jun 3, 2020
logo
Diodes Incorporated
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
logo
Schneider Electric
AP3066 SCHNEIDER-AP3066 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 600A
Jun 3, 2020
AP306G10 SCHNEIDER-AP306G10 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
AP306G6 SCHNEIDER-AP306G6 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 600A
More results

Podobny opis - AP3068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Rohm
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
White LED Driver for large LCD panel
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
STMicroelectronics
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
Rohm
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com