Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STLED524 Arkusz danych(PDF) 69 Page - STMicroelectronics

Numer części STLED524
Szczegółowy opis  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Arkusz danych(HTML) 69 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 64Page - STMicroelectronics STLED524 Datasheet HTML 65Page - STMicroelectronics STLED524 Datasheet HTML 66Page - STMicroelectronics STLED524 Datasheet HTML 67Page - STMicroelectronics STLED524 Datasheet HTML 68Page - STMicroelectronics STLED524 Datasheet HTML 69Page - STMicroelectronics STLED524 Datasheet HTML 70Page - STMicroelectronics STLED524 Datasheet HTML 71Page - STMicroelectronics STLED524 Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
DocID026217 Rev 1
69/72
STLED524
Package mechanical data
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 31. CSP 56 bumps (3.4x3.0 mm) drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72