| Zakładka z wyszukiwarką danych komponentów |
|
UM1018 Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1018 Arkusz danych(HTML) 10 Page - STMicroelectronics |
|
10 / 42 page ![]() Hardware and layout UM01018 10/42 Doc ID 18141 Rev 2 2.5 Boot option The STM32L152-EVAL evaluation board is able to boot from: ● Embedded user Flash ● System memory with boot loader for ISP ● Embedded SRAM for debugging The boot option is configured by setting switch SW1 (BOOT0) and SW2 (BOOT1). BOOT0 can also be configured via RS-232 connector CN2. 2.6 LCD glass module An LCD glass module, U20, with 8-digit liquid crystal display is mounted on the STM32L152-EVAL evaluation board and is connected to the LCD controller of the STM32L152VBT6. Table 4. Boot related switches Switch Boot from Setting SW1 and SW2 STM32L152-EVAL boot from embedded user Flash when SW1 is set as shown. SW2 is not relevant in this configuration (default setting). STM32L152-EVAL boot from embedded SRAM when SW1 and SW2 are set as shown. STM32L152-EVAL boot from system memory when SW1 and SW2 are set as shown. Table 5. Boot0 related jumper JP6 Jumper Description JP6 Bootloader_BOOT0 is managed by pin 6 of CN2 (RS-232 DSR signal) when JP6 is closed. This configuration is used for boot loader application only. Default setting: Not fitted. SW1 01 SW1 SW2 01 SW1 SW2 01 Table 6. LCD glass related jumpers Jumper Description Setting JP7 PC10 is connected to LCD glass as SEG40 when JP7 is set as shown (default setting). PC10 is connected to USART3_TX when JP7 is set as shown. JP8 PC11 is connected to LCD glass as SEG41 when JP8 is set as shown (default setting). PC11 is connected to USART3_RX when JP8 is set as shown. 3 2 1 3 2 1 3 2 1 3 2 1 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |