| Zakładka z wyszukiwarką danych komponentów |
|
UM1018 Arkusz danych(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1018 Arkusz danych(HTML) 27 Page - STMicroelectronics |
|
27 / 42 page ![]() Figure 13. STM32L152-EVAL 1 1 2 2 3 3 4 4 D D C C B B A A STMicroelectronics Title: Number: Rev: Sheet of B.4(PCB.SCH) Date: 9/7/2011 MB819 1 14 STM32L152-EVAL Note1:All text in the each sheet is in Italic format to be different with Net label. Note2:Version upgrade from B.1 to B.2 due to FDC606 used for T3 and T4 instead of STT5PF20V. Note3:Version upgrade from B.3 to B.4 to correct comments on italic for LD3&LD4 on sheet 5. Audio_OUT Audio_IN U_Audio Audio.SchDoc PA[0..15] PB[0..15] PC[0..15] PD[0..15] PE[0..15] RESET# PH[0..2] U_Extension connector Extension connector.SCHDOC TDI TRST TMS/SWDIO TCK/SWCLK TDO/SWO TRACE_D3 TRACE_D2 TRACE_D1 TRACE_D0 TRACE_CK RESET# U_JTAG&Trace JTAG&Trace.SchDoc SEG[0..43] COM[0..3] U_LCD_Glass LCD_Glass.SCHDOC MicroSD_CS SPI1_SCK SPI1_MOSI LCD_CS SPI1_MISO SDcard_detect RESET# SPI2_SCK SPI2_MOSI SPI2_MISO U_LCD_MicroSD LCD_MicroSD.SchDoc PA[0..15] PB[0..15] PC[0..15] PD[0..15] PE[0..15] RESET# Bootloader_BOOT0 Bootloader_RESET PH[0..2] TRACE_D3 TRACE_D2 TRACE_D1 TRACE_D0 TRACE_CK SEG[0..43] WAKEUP Audio_OUT BNC TS_LOAD SDcard_detect JOY_SEL JOY_DOWN JOY_LEFT JOY_RIGHT JOY_UP MicroSD_CS SPI1_SCK SPI1_MOSI LCD_CS SPI1_MISO SPI2_SCK SPI2_MOSI SPI2_MISO Potentiometer Audio_IN IDD_CNT_EN TS1 TS2 TS_SHIELD TS_CT COM[0..3] USB_DM USB_DP TDI TRST TMS/SWDIO TCK/SWCLK TDO/SWO USART3_TX USART3_RX LED4 LED3 LED1 LED2 USART2/IrDA_TX USART2/IrDA_CTS USART2/IrDA_RX USART2/IrDA_RTS LDR_OUT COM_IN- COM_IN+ I2C_SLK I2C_SDA I2C_SMB U_MCU MCU.SchDoc BNC Potentiometer LED4 LED3 LED1 LED2 JOY_SEL JOY_DOWN JOY_LEFT JOY_RIGHT JOY_UP LDR_OUT USB_DM USB_DP WAKEUP COM_IN- COM_IN+ IDD_Measurement U_Peripherals Peripherals.SchDoc U_Power Power.SchDoc USART2/IrDA_TX USART2/IrDA_CTS Bootloader_RESET Bootloader_BOOT0 USART2/IrDA_RX USART2/IrDA_RTS USART3_TX USART3_RX U_RS232_IrDA RS232_IrDA.SCHDOC TMS/SWDIO TCK/SWCLK TDO/SWO TDI TRST RESET# U_ST_LINK ST_LINK.SCHDOC I2C_SLK I2C_SDA I2C_SMB U_TemSensor TemSensor.SCHDOC TS_LOAD TS1 TS2 TS_SHIELD TS_CT U_Touch Sensing Touch Sensing.SchDoc IDD_Measurement IDD_CNT_EN IDD_WAKEUP U_IDD_measurement IDD_measurement.SchDoc |