| Zakładka z wyszukiwarką danych komponentów |
|
UM1018 Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1018 Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 42 page ![]() UM01018 Connectors Doc ID 18141 Rev 2 21/42 44 PE5 TRACE_D2 - 46 PB9 LCD glass_COM3 Remove LCD glass U20 48 +3V3 - - 50 GND - - Table 16. Daughterboard extension connector CN7 Pin Description Alternative function How to disconnect with function block on STM32L152-EVAL board 1GND - - 3 PD14 LCD glass_SEG34 Remove LCD glass U20 5 PD12 LCD glass_SEG32 Remove LCD glass U20 7 PD10 LCD glass_SEG30 Remove LCD glass U20 9 PC13 IDD_CNT_EN - 11 RESET# - - 13 PB15 uSD_SPI2_MOSI - 15 PB13 uSD_SPI2_SCK - 17 PB11 LCD glass_SEG11 Remove LCD glass U20 19 D5V - 21 PE14 LCD_SPI1_MISO Remove R57 23 PH0 OSC_IN Remove X2 from socket and close SB3 25 PE12 JOYSTICK_LEFT Remove R118 27 PE10 JOYSTICK_DOWN Remove R127 29 PE8 JOYSTICK_SEL Remove R112 31 PE7 Audio_IN Remove R75 33 PB1 LCD glass_SEG6 Remove LCD glass U20 35 PC5 LCD glass_SEG23 Remove LCD glass U20 37 PA7 LCD glass_SEG4 Remove LCD glass U20 39 GND - - 41 PA4 Audio_DAC1_out Remove R103 43 PA2 LCD glass_SEG1 Remove LCD glass U20 45 PC3 LCD glass_SEG21 Remove LCD glass U20 47 PC1 LCD glass_SEG19 Remove LCD glass U20 49 PC13 IDD_CNT_EN - 2 PD15 LCD glass_SEG35 Remove LCD glass U20 Table 15. Daughterboard extension connector CN6 (continued) Pin Description Alternative function How to disconnect with function block on STM32L152-EVAL board |