Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z86L82 Arkusz danych(PDF) 54 Page - Zilog, Inc.

Numer części Z86L82
Szczegółowy opis  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZILOG [Zilog, Inc.]
Strona internetowa  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Arkusz danych(HTML) 54 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 50Page - Zilog, Inc. Z86L82 Datasheet HTML 51Page - Zilog, Inc. Z86L82 Datasheet HTML 52Page - Zilog, Inc. Z86L82 Datasheet HTML 53Page - Zilog, Inc. Z86L82 Datasheet HTML 54Page - Zilog, Inc. Z86L82 Datasheet HTML 55Page - Zilog, Inc. Z86L82 Datasheet HTML 56Page - Zilog, Inc. Z86L82 Datasheet HTML 57Page - Zilog, Inc. Z86L82 Datasheet HTML 58Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
47
Figure 34. T8_OUT in Single-Pass Mode
Figure 35. T8_OUT in Modulo-N Mode
You can modify the values in TC8H or TC8L at any time. The new values take
effect when they are loaded. To ensure known operation, do not write these regis-
ters at the time the values are to be loaded into the counter/timer. An initial count of
1 is not allowed (a nonfunction occurs).
An initial count of 0 causes TC8 to count from
0 to FFh to FEh.
“h” is used for hexadecimal values.
Transition from 0 to FFh is not a time-out condition.
Do not use the same instructions for stopping the counter/
timers and setting the status bits.
Two successive commands are necessary. First, the counter/timers must be
stopped. Second, the status bits must be reset. These commands are required
because it takes one counter/timer clock interval for the initiated event to actually
occur.
T8 Demodulation Mode
You need to program TC8L and TC8H to FFh. After T8 is enabled, when the first
edge (rising, falling, or both, depending on CTR1 D5, D4) is detected, it starts to
count down. When a subsequent edge (rising, falling, or both depending on CTR1
D5, D4) is detected during counting, the current value of T8 is complemented and
put into one of the capture registers. If it is a positive edge, data is put into LO8; if
TC8H Counts
Counter Enable Command,
T8_OUT switches to its
initial value (CTR1 D1)
T8_OUT toggles
Time-out Interrupt
T8_OUT
TC8L
TC8H
Time-out
Interrupt
Counter Enable Command,
T8_OUT switches to its
initial value (CTR1 D1)
T8_OUT Toggles
TC8L
TC8H
TC8L
Time-out
Interrupt
Note:
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com