Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z86L82 Arkusz danych(PDF) 57 Page - Zilog, Inc.

Numer części Z86L82
Szczegółowy opis  Programmable input glitch filter for pulse reception
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZILOG [Zilog, Inc.]
Strona internetowa  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L82 Arkusz danych(HTML) 57 Page - Zilog, Inc.

Back Button Z86L82 Datasheet HTML 53Page - Zilog, Inc. Z86L82 Datasheet HTML 54Page - Zilog, Inc. Z86L82 Datasheet HTML 55Page - Zilog, Inc. Z86L82 Datasheet HTML 56Page - Zilog, Inc. Z86L82 Datasheet HTML 57Page - Zilog, Inc. Z86L82 Datasheet HTML 58Page - Zilog, Inc. Z86L82 Datasheet HTML 59Page - Zilog, Inc. Z86L82 Datasheet HTML 60Page - Zilog, Inc. Z86L82 Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Z86L82/85/88
28-Pin Low-Voltage IR Microcontrollers
PS009007-1202
50
Sixteen-Bit Counter/Timer Circuits
Figure 38 shows the 16-bit counter/timer circuits.
Figure 38. 16-Bit Counter/Timer Circuits
T16 Transmit Mode
In Normal or Ping-Pong Mode, the output of T16, when not enabled, is dependent
on CTR1, D0. If the result is a 0, T16_OUT is a 1; if it is a 1, T16_OUT is 0. You
can force the output of T16 to either a 0 or 1 whether it is enabled or not by pro-
gramming CTR1 D3, D2 to a 10 or 11.
When T16 is enabled, TC16H * 256 + TC16L is loaded, and T16_OUT is switched
to its initial value (CTR1 D0). When T16 counts down to 0, T16_OUT is toggled (in
Normal or Ping-Pong Mode), an interrupt is generated if enabled (CTR2 D1), and
a status bit (CTR2 D5) is set.
Global interrupts override this function as described in
“Interrupts” on page 54.
If T16 is in Single-Pass Mode, T16 is stopped at this point (see Figure 39). If T16
is in Modulo-N Mode, T16 is loaded with TC16H * 256 + TC16L and the counting
continues (see Figure 40).
Z8 Data Bus
Pos Edge
Neg Edge
CTR2 D4, D3
SCLK
Z8 Data Bus
Clock
Select
Clock
16-Bit
Counter
TC16H
TC16L
CTR2 D2
IRQ3
CTR2 D1
T16_OUT
HI16
LO16
T16
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com