Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGA-4263 Arkusz danych(PDF) 4 Page - Stanford Microdevices

Numer części SGA-4263
Szczegółowy opis  DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANFORD [Stanford Microdevices]
Strona internetowa  
Logo STANFORD - Stanford Microdevices

SGA-4263 Arkusz danych(HTML) 4 Page - Stanford Microdevices

  SGA-4263 Datasheet HTML 1Page - Stanford Microdevices SGA-4263 Datasheet HTML 2Page - Stanford Microdevices SGA-4263 Datasheet HTML 3Page - Stanford Microdevices SGA-4263 Datasheet HTML 4Page - Stanford Microdevices SGA-4263 Datasheet HTML 5Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EDS-100640 Rev. D
Preliminary
SGA-4263 DC-3500 MHz Cascadable MMIC Amplifier
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
1 uF
R
BIAS
1000 pF
C
B
C
B
C
D
L
C
V
S
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
)
z
h
M
(
y
c
n
e
u
q
e
r
F
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
C
B
F
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5F
p
9
3
C
D
F
p
0
0
1F
p
8
6F
p
2
2F
p
2
2F
p
5
1
L
C
H
n
8
6H
n
3
3H
n
2
2H
n
8
1H
n
5
1
Basic Application Circuit
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
3
4,5
6
1,2
1000
pF
SGA-4263
Application Circuit Element Values
Part Number Ordering Information
r
e
b
m
u
N
t
r
a
P
e
z
i
S
l
e
e
R
l
e
e
R
/
s
e
c
i
v
e
D
3
6
2
4
-
A
G
S"
70
0
0
3
The part will be marked with an “A42” designator on
the top surface of the package.
Part Identification Marking
Caution: ESD sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
A42
6 5 4
1 2 3
#
n
i
P
n
o
it
c
n
u
F
n
o
it
p
ir
c
s
e
D
3
N
I
F
R
e
s
u
e
h
t
s
e
ri
u
q
e
r
ni
p
si
h
T
.
ni
p
t
u
p
ni
F
R
r
o
ti
c
a
p
a
c
g
ni
k
c
ol
b
C
D
la
n
r
e
tx
e
n
a
f
o
.
n
oi
t
a
r
e
p
o
f
o
y
c
n
e
u
q
e
rf
e
h
t
r
o
f
n
e
s
o
h
c
5
,
4
,
2
,
1
D
N
G
r
o
f
s
el
o
h
ai
v
e
s
U
.
d
n
u
o
r
g
o
t
n
oi
t
c
e
n
n
o
C
d
a
el
e
c
u
d
e
r
o
t
e
c
n
a
m
r
o
fr
e
p
t
s
e
b
s
a
s
d
a
el
d
n
u
o
r
g
o
t
e
s
ol
c
s
a
e
c
n
a
t
c
u
d
ni
.
el
bi
s
s
o
p
6
/
T
U
O
F
R
S
A
I
B
si
e
g
a
tl
o
v
C
D
.
ni
p
s
ai
b
d
n
a
t
u
p
t
u
o
F
R
C
D
a
e
r
o
f
e
r
e
h
t
,
ni
p
si
h
t
n
o
t
n
e
s
e
r
p
r
o
f
y
r
a
s
s
e
c
e
n
si
r
o
ti
c
a
p
a
c
g
ni
k
c
ol
b
.
n
oi
t
a
r
e
p
o
r
e
p
o
r
p
Mounting Instructions
1. Use a large ground pad area near device pins 1, 2,
4, and 5 with many plated through-holes as shown.
3. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.
I
r
o
f
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
D
A
m
5
4
=
R
S
A
I
B
V
(
=
S V
-
D
I
/
)
D
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
S)V
6V
8V
0
1V
2
1
R
S
A
I
B
2
60
1
10
5
10
0
2
R
:
e
t
o
N
S
A
I
B
.
e
r
u
t
a
r
e
p
m
e
t
r
e
v
o
y
ti
li
b
a
t
s
s
a
i
b
C
D
s
e
d
i
v
o
r
p



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com