Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGA-4263 Arkusz danych(PDF) 3 Page - Stanford Microdevices

Numer części SGA-4263
Szczegółowy opis  DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANFORD [Stanford Microdevices]
Strona internetowa  
Logo STANFORD - Stanford Microdevices

SGA-4263 Arkusz danych(HTML) 3 Page - Stanford Microdevices

  SGA-4263 Datasheet HTML 1Page - Stanford Microdevices SGA-4263 Datasheet HTML 2Page - Stanford Microdevices SGA-4263 Datasheet HTML 3Page - Stanford Microdevices SGA-4263 Datasheet HTML 4Page - Stanford Microdevices SGA-4263 Datasheet HTML 5Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
EDS-100640 Rev. D
Preliminary
SGA-4263 DC-3500 MHz Cascadable MMIC Amplifier
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
-30
-25
-20
-15
-10
01
23
4
5
6
Frequency (GHz)
+25°C
-40°C
+85°C
0
5
10
15
20
01
234
56
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
0
1
234
56
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
T
L
T
L
-40
-30
-20
-10
0
0123
456
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
NOTE: Full S-parameter data available at www.sirenza.com
Typical RF Performance Over Temperature ( Bias: V
D= 3.2 V, ID= 45 mA (Typ.) )
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com