Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGA-4263 Arkusz danych(PDF) 2 Page - Stanford Microdevices

Numer części SGA-4263
Szczegółowy opis  DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANFORD [Stanford Microdevices]
Strona internetowa  
Logo STANFORD - Stanford Microdevices

SGA-4263 Arkusz danych(HTML) 2 Page - Stanford Microdevices

  SGA-4263 Datasheet HTML 1Page - Stanford Microdevices SGA-4263 Datasheet HTML 2Page - Stanford Microdevices SGA-4263 Datasheet HTML 3Page - Stanford Microdevices SGA-4263 Datasheet HTML 4Page - Stanford Microdevices SGA-4263 Datasheet HTML 5Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EDS-100640 Rev. D
Preliminary
SGA-4263 DC-3500 MHz Cascadable MMIC Amplifier
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
Typical RF Performance at Key Operating Frequencies
Frequency (MHz)
T
L
Absolute Maximum Ratings
T
L=+25ºC
Frequency (MHz)
Frequency (MHz)
V
S = 8 V
I
D = 80 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 39 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
ti
n
U
0
0
1
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d1
.
4
19
.
3
10
.
4
17
.
2
14
.
2
13
.
1
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d5
.
9
23
.
9
27
.
5
26
.
3
2
P
B
d
1
n
o
is
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d1
.
4
12
.
4
15
.
2
13
.
1
1
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
d5
.
7
28
.
1
34
.
9
23
.
1
31
.
3
33
.
8
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
d4
.
3
20
.
2
27
.
1
28
.
3
12
.
2
17
.
1
1
S
2
1
n
o
it
a
l
o
s
I
e
s
r
e
v
e
RB
d7
.
7
13
.
8
15
.
8
10
.
9
10
.
9
12
.
8
1
F
Ne
r
u
g
i
F
e
si
o
NB
d6
.
34
.
37
.
33
.
4
Frequency (MHz)
Test Conditions:
V
S = 8 V
I
D = 45 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = -10 dBm
R
BIAS = 110 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
0
1
2
3
4
5
00.5
1
1.522.5
3
Frequency (GHz)
15
20
25
30
35
00.511.522.5
3
Frequency (GHz)
6
9
12
15
18
00.5
11.522.5
3
Frequency (GHz)
T
L=+25ºC
T
L=+25ºC
T
L=+25ºC
OIP
3 vs. Frequency
V
D=3.2 V, ID= 45 mA (Typ.)
P
1dB vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)
Noise Figure vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)
r
e
t
e
m
a
r
a
P
ti
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
r
r
u
C
e
c
i
v
e
D
I(
D)0
9
A
m
.
x
a
M
e
c
i
v
e
D
V
(
e
g
a
tl
o
V
D)V
5
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
m
B
d
8
1
+
.
x
a
M
p
m
e
T
n
o
it
c
n
u
J
T
(
.
J)
1
+
0
5 C
°
p
m
e
T
g
n
it
a
r
e
p
O
T
(
e
g
n
a
R
.
L)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
C
°
0
5
1
+
y
a
m
s
ti
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
it
a
r
e
p
O
,
n
o
it
a
r
e
p
o
s
u
o
n
it
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
m
u
m
i
x
a
m
e
h
t
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
d
n
a
e
g
a
tl
o
v
e
c
i
v
e
d
e
h
t
.
e
n
o
e
g
a
p
n
o
e
l
b
a
t
e
h
t
n
i
d
e
if
i
c
e
p
s
s
e
u
l
a
v
g
n
it
a
r
e
p
o
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
it
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
it
i
d
n
o
c
s
a
i
B
I
DVD
T
(
<
J
T
-
L
R
/
)
H
T
l-
j
,



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com